Electronic Components Datasheet Search
  English  ▼

X  

OM9369CM Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OM9369CM
Description  FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM9369CM Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button OM9369CM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 4Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 5Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 6Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 7Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 8Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 9Page - List of Unclassifed Manufacturers OM9369CM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIRECTION INPUT (Pin 25) - This input is used to
select the motor direction. This input has an internal
protection feature: the logic-level present on the
Direction Input is first loaded into a direction latch, then
shifted through a two-bit shift register before
interfacing with the internal output phase driver logic
decoder. Also, protection circuitry detects when the
input and the output of the direction latch or the 2-bit
shift register are different, and inhibits the Phase
Outputs (i.e. Hi-Z) during those times. This feature
may be used to allow the motor to coast to a safe
speed before a direction reversal takes place. Power
stage cross-conduction (current "shoot-through" from
Vmotor to Ground through simultaneously enabled
pull-up and pull-down drivers) is prevented by the shift
register as it is clocked by the PWM oscillator, so that
a fixed delay of between one and two PWM oscillator
clock cycles occurs. This delay or "dead-time"
guarantees that power-stage cross-conduction will not
occur.
CURRENT SENSE OUTPUTS (CSH, Pin 26; CSL,
Pin 27) - The Current Sense Outputs produce a
differential voltage equal to the motor current times the
sense resistance value (5m
Ω nominal). There is an
internal 1000pF filter capacitor across pins 26 and 27,
and two 100
Ω series resistors, one between each pin
and each end of the current sense resistor.
To
configure the current sense amplifier for cycle-by-cycle
current limiting and/or overcurrent protection, connect
pin 26 to pin 13 (ISH) and pin 27 to pin 14 (ISL).
MOTOR RETURN (Pin A) - This pin is connected to
the most negative terminal of the motor supply (Vm-).
This connection is electrically isolated from the logic
Ground internal to the OM9369CM package to
minimize, if not eliminate, noise on the logic ground.
The connection to the logic ground is made by the user
external to the package (refer to Ground (pin 20)). In
order to minimize packaging losses and parasitic
effects, it is essential that both of these pins be firmly
connected to the motor supply ground, with as short a
connection as physically possible.
PHASE OUTPUTS (Phase A, Pin E; Phase B, Pin D;
Phase C, Pin C) -- These outputs are connected to
either Vmotor via the pull-up driver or Source via the
pull-down driver, depending upon the Hall-Effect and
Direction Inputs (see Commutation Truth Table). The
pin associated with each Phase Output must be
connected to one of the three phases of the motor
driven by the OM9369CM.
VMOTOR (Pin B) - This pin is connected to the most
positive terminal of the motor supply (Vm+).
For
proper operation, this pin must be connected
externally with a low impedance power bus.
The
Vmotor power bus should be bypassed with an
adequately voltage-rated ceramic capacitor, 0.1
µF
(typical), and a low-ESR electrolytic capacitor, whose
capacitance value can be selected by the following:
10
µF-per-Ampere of average motor current from
Vmotor to Motor Return.
Note: All connections, including the power bus
capacitor connections, must be made as close as
possible to the Vmotor and Motor Return pins to
minimize parasitic effects.
PACKAGE AND SCREENING OPTIONS
The OM9369CM is offered in a hermetic CERMODTM,
CM-1LP, as shown in Figure 1.
The OM9369CM operates over the full military
temperature range of -55°C to +125°C, and is
available with two standard screening levels, CMP,
limited screening, and CMB, MIL-STD-883 screening.
The screening levels for the CMP and CMB versions
are listed in the table below. All tests and inspections
are in accordance with those listed in MIL-STD-883.
Note: For lower bus voltages and MOSFET versions
in a CERMOD TM package contact the factory.
OM9369CM
2.1 - 8
Test/Inspection
CMB
CMP
Precap Visual Inspection
100%
100%
Temperature Cycle
100%
N.A.
Mechanical Shock
100%
N.A.
Hermeticity (Fine and Gross Leak)
100%
100%
Pre Burn-In Electrical
100%
N.A.
Burn-In (160 hours)
100%
N.A.
Final Electrical Test
-55°C, +25°C,
+25°C
+125°C
Group A Testing
100%
N.A.
Final Visual Inspection
100%
100%
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com