Electronic Components Datasheet Search
  English  ▼

X  

SPL-CG65 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SPL-CG65
Description  Red Laser Diode on Submount 0.5 W cw
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-CG65 Datasheet(HTML) 6 Page - OSRAM GmbH

  SPL-CG65 Datasheet HTML 1Page - OSRAM GmbH SPL-CG65 Datasheet HTML 2Page - OSRAM GmbH SPL-CG65 Datasheet HTML 3Page - OSRAM GmbH SPL-CG65 Datasheet HTML 4Page - OSRAM GmbH SPL-CG65 Datasheet HTML 5Page - OSRAM GmbH SPL-CG65 Datasheet HTML 6Page - OSRAM GmbH SPL-CG65 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPL CG65
2007-04-19
6
OHW02027
0
rel
Ι
-60
deg.
Θ
-40
-20
0
20
60
0.2
0.4
0.6
0.8
1.0
%
Optische Kennwerte SPL CG65
(Parameter werden vorn detaillierter aufgeführt).
Optical Output Power
P
opt vs.
Forward Current
I
F (TA = 20 °C)
Farfield Distribution Parallel
to Junction
I
rel vs. θ||
Optical Characteristics SPL CG65
(parameters are listed on previous page in detail).
Optical Spectrum, Relative Intensity
I
rel vs.
Wavelength
λ (T
A = 20 °C, Popt = 0.5 W)
Farfield Distribution Perpendicular
to Junction
I
rel vs. θ
⊥
OHW02544
0
0
opt
P
F
I
W
A
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.2
0.4
0.6
0.8
1.0
1.2
OHW02023
0
rel
Ι
-15
deg.
%
θ
0.2
0.4
0.6
0.8
1.0
-10
-5
0
5
15
OHW02543
0
640
λ
645
650
655
660
nm
%
Ι
rel
0.1
0.2
0.3
0.4
0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com