Electronic Components Datasheet Search
  English  ▼

X  

SPL-CG65 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPL-CG65
Description  Red Laser Diode on Submount 0.5 W cw
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL-CG65 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPL-CG65 Datasheet HTML 1Page - OSRAM GmbH SPL-CG65 Datasheet HTML 2Page - OSRAM GmbH SPL-CG65 Datasheet HTML 3Page - OSRAM GmbH SPL-CG65 Datasheet HTML 4Page - OSRAM GmbH SPL-CG65 Datasheet HTML 5Page - OSRAM GmbH SPL-CG65 Datasheet HTML 6Page - OSRAM GmbH SPL-CG65 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPL CG65
Red Laser Diode on Submount 0.5 W cw
Rote Laser Diode in offener Bauform 0.5 W cw
2007-04-19
1
Besondere Merkmale
• Effiziente Strahlungsquelle für
Dauerstrichbetrieb
• Zuverlässige kompressiv verspannte InGaP
Quantenfilm-Struktur
• Laterale Austrittsöffnung 100
µm
• Kleiner Kupfer-Kühlkörper (C-Typ) für OEM
Design
Anwendungen
• Medizinische Anwendungen
(Krebsbehandlung, Augenheilkunde,
Hautbehandlung)
• Pumpen von Festkörperlasern (LiSAF, LiCAF)
• Messtechnik
• Laser show, Unterhaltung
Sicherheitshinweise
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte,
sichtbare
Strahlung,
die
gefährlich für das menschliche Auge sein kann.
Produkte, die diese Bauteile enthalten, müssen
gemäß den Sicherheitsrichtlinien der IEC-Norm
60825-1 behandelt werden.
Features
• Efficient radiation source for cw operation
• Reliable strained InGaP quantum-well structure
• Lateral laser aperture 100
µm
• Small C-type copper submount for OEM
designs
Applications
• Medical applications (cancer treatment,
ophthalmology, dermatology)
• Pumping of solid state lasers (LiSAF, LiCAF)
• Alignment
• Laser show, entertainment
Safety Advices
Depending on the mode of operation, these
devices emit highly concentrated visible light
which can be hazardous to the human eye.
Products which incorporate these devices have to
follow the safety precautions given in IEC 60825-1
“Safety of laser products”.


Similar Part No. - SPL-CG65

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SPL-COAX ROITHNER-SPL-COAX Datasheet
207Kb / 1P
Heat Sink for SPL type coaxial laser diodes
More results

Similar Description - SPL-CG65

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
Bookham, Inc.
SES9-940-01 BOOKHAM-SES9-940-01 Datasheet
627Kb / 4P
9W 940nm High Power Single Emitter Laser Diode on Submount
SES8-915-01 BOOKHAM-SES8-915-01 Datasheet
645Kb / 4P
8W/7W 9xxnm High Power Single Emitter Laser Diode on Submount
logo
OSRAM GmbH
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
Rote Laser Diode in offener Bauform 0.5 W cw
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
DUAL CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com