Electronic Components Datasheet Search
  English  ▼

X  

TLE8457 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8457
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8457 Datasheet HTML 1Page - Infineon Technologies AG TLE8457 Datasheet HTML 2Page - Infineon Technologies AG TLE8457 Datasheet HTML 3Page - Infineon Technologies AG TLE8457 Datasheet HTML 4Page - Infineon Technologies AG TLE8457 Datasheet HTML 5Page - Infineon Technologies AG TLE8457 Datasheet HTML 6Page - Infineon Technologies AG TLE8457 Datasheet HTML 7Page - Infineon Technologies AG TLE8457 Datasheet HTML 8Page - Infineon Technologies AG TLE8457 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Data Sheet
5
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1
VS
Battery Supply Voltage;
Decoupling capacitor required
2EN
Enable Input;
Integrated pull-down resistor
Logical “high” to select Normal Operation Mode
3GND
Ground
4BUS
BUS Input / Output;
Integrated LIN Slave Termination
5RxD
Receive Data Output;
Monitors the LIN bus signal in Normal Operation Mode
Indicates a wake-up event in Init Mode
6TxD
Transmit Data Input;
Integrated pull-up resistor
Logical “low” to drive a dominant signal on the LIN bus
7
NRST
Undervoltage Reset Output;
Integrated pull-up resistor
Logical “low” during Reset
8
VCC
Voltage Regulator Output;
Output capacitor requirements specified in Functional Device Characteristics
PAD
–
Connect to PCB heat sink area. Do not connect to other potential than GND
TLE8457_PINNING
1
2
3
45
6
7
8
VS
1
2
3
45
6
7
8
EN
GND
BUS
VCC
NRST
TxD
RxD
VS
EN
GND
BUS
VCC
NRST
TxD
RxD
PG-DSO-8
PG-TSON-8
(Top side X-Ray view)
(PAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com