| Electronic Components Datasheet Search |
|
TLE8457 Datasheet(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457 Datasheet(HTML) 10 Page - Infineon Technologies AG |
|
10 / 33 page ![]() Data Sheet 10 Rev. 1.0 2016-08-05 TLE8457 LIN Transceiver with integrated Voltage Regulator Functional Description 4.1.4 Sleep Mode Sleep Mode is a low power mode with quiescent current consumption reduced to a minimum while the device can still wake-up by a message on the LIN bus. Both the transceiver and the voltage regulator are switched off. 4.1.5 Bus Wake-up event A bus wake-up event, also called remote wake-up, causes a transition from a low power mode to Init Mode. A falling edge on the LIN bus, followed by a dominant bus signal for the time tWK,bus results in a bus wake-up event. The mode change to Init Mode becomes active with the following rising edge on the LIN bus, when bus voltage exceeds VBUS,wk. The TLE8457 remains in low power mode until it detects a state change on the LIN bus from dominant to recessive (see Figure 6). In Init Mode a logical “low” signal on the RxD output indicates a bus wake-up event. In case the TLE8457 detects a bus wake-up event while already being in Init, the wake-up event will be signalled with a logical “low” level on RxD and override the previous wake source (see Figure 5). Figure 6 Bus wake-up behavior TLE8457_BUS_WAKE VBUS VBUS,dom VBUS,wk Sleep mode Init mode tWK,bus TxD is „high“ because of internal pull-up structure RxD „low“ indicates a Bus Wake-up event tRST VCC,UV,ON t RxD t TxD t EN t NRST VCC t t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |