Electronic Components Datasheet Search
  English  ▼

X  

TLE8457 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8457
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8457 Datasheet HTML 7Page - Infineon Technologies AG TLE8457 Datasheet HTML 8Page - Infineon Technologies AG TLE8457 Datasheet HTML 9Page - Infineon Technologies AG TLE8457 Datasheet HTML 10Page - Infineon Technologies AG TLE8457 Datasheet HTML 11Page - Infineon Technologies AG TLE8457 Datasheet HTML 12Page - Infineon Technologies AG TLE8457 Datasheet HTML 13Page - Infineon Technologies AG TLE8457 Datasheet HTML 14Page - Infineon Technologies AG TLE8457 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
11
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
4.1.6
Mode Transition via EN pin
The EN input is used for operation mode control of the TLE8457. By setting the EN input logical “high” for the
time tMODE,HIGH while being in Init Mode or Standby Mode, a transition to Normal Operation Mode will be
triggered.
If the voltage level at the EN input is set logical “high” while the TLE8457 is in Sleep Mode, a transition to Init
Mode is initiated. If the EN input is continuously held “high” though powering up the voltage regulator and the
following reset pulse, Normal Operation Mode will be entered.
From Normal Operation Mode the TLE8457 can be set to either Sleep Mode or Standby Mode. If the EN input is
set “low” for the time tMODE,LOW while the TxD input is held logical “high”, the mode will change to Standby
Mode. For a transition to Sleep Mode, the TxD must be set logical “low” before the time tMODE,LOW elapses after
EN goes “low” (see Figure 7). It is recommended to program a short delay time from EN is set “low” until TxD
is set “low”, for preventing driving the bus dominant though mode transition to Sleep Mode.
The EN input has an integrated pull-down resistor to ensure the device remains in a low power mode if the EN
input is left open. The EN input has an integrated hysteresis (see Figure 7).
The TLE8457 changes the operation modes regardless of the signal on the BUS pin. In the case of a short circuit
failure between the LIN bus and GND, resulting in a permanent dominant signal, the TLE8457 can be set to
Sleep Mode.
Figure 7
Operation mode control
The EN input is blocked while the TLE8457 is in Init Mode and NRST is “low”, no mode transitions to Normal
Operation Mode is possible while a reset pulse is issued. After the NRST output goes “high”, mode control with
the EN input is released. At the same time the Initialization Watchdog timer starts (see “Initialization
Watchdog” on Page 15).
Note:
If the TLE8457 is being forced to Sleep Mode by the Initialization Watchdog while the EN input is
externally being held at a logical “high” level, the device will reinitiate Init Mode after the VCC
voltage has been discharged below ~1 V. In such applications additional supervision means are
recommended.
TLE8457_MODE_CONTROL
Normal Operation
mode
EN
Standby mode
Normal Operation
mode
Sleep mode
TxD
VEN,OFF
EN hysteresis
tMODE,HIGH
tMODE,LOW
tMODE,LOW
tMODE,HIGH
VEN,ON
NRST
tRST
t
t
t
Normal Operation
mode
Init mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com