| Electronic Components Datasheet Search |
|
TLE8457 Datasheet(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457 Datasheet(HTML) 12 Page - Infineon Technologies AG |
|
12 / 33 page ![]() Data Sheet 12 Rev. 1.0 2016-08-05 TLE8457 LIN Transceiver with integrated Voltage Regulator Functional Description 4.2 Power Supplies The TLE8457 is designed for being supplied by the battery line through an external reverse polarity protection diode at the VS pin (see Figure 18). An input capacitor is needed for damping input line transients. 4.2.1 Power-Up / Power-Down During power-up the TLE8457 will enter Init Mode when the VS supply reaches the power-on reset level VS,PON. The voltage regulator output VCC will track the VS supply voltage until VCC reaches its nominal voltage level. As VCC reaches the under-voltage level VCC,UVC, a reset pulse is issued, the NRST output will stay logical “low” for the reset time tRST and then be set logical “high”. As NRST goes “high”, the EN input will become active and the TLE8457 can change operating mode accordingly (see Table 2). Figure 8 Power-up and power-down behavior While powering down the TLE8457 will block the LIN transmitter if being in Normal Operation Mode as the VS supply voltage falls below VS,UV,OFF. The voltage regulator will start tracking the VS supply voltage when falling below VCC + VDR. As VCC falls below the undervoltage level VCC,UV the NRST output will be set logical “low” and the TLE8457 will enter Init Mode. When the VS supply voltage falls below the power-on-reset level VS,PON the voltage regulator will be disabled and the TLE8457 considered un-powered. TLE8457_VS_POWER-UP_DOWN un-powered VS VS,PON VCC VS VCC Init mode Normal Operation mode VCC,UV Init mode un-powered VS,UV,OFF VS,PON Transmission blocked NRST tRST VS,UV,ON t t VCC,UV EN t |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |