Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 26Page - Infineon Technologies AG TLE9222 Datasheet HTML 27Page - Infineon Technologies AG TLE9222 Datasheet HTML 28Page - Infineon Technologies AG TLE9222 Datasheet HTML 29Page - Infineon Technologies AG TLE9222 Datasheet HTML 30Page - Infineon Technologies AG TLE9222 Datasheet HTML 31Page - Infineon Technologies AG TLE9222 Datasheet HTML 32Page - Infineon Technologies AG TLE9222 Datasheet HTML 33Page - Infineon Technologies AG TLE9222 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Data Sheet
30
Rev. 1.2
2017-10-17
TLE9222
FlexRay Transceiver
Electrical characteristics
Transmitter delay mismatch
dBDTxDM = dBDTxai -
dBDTxia
dBDTxDM
-30
–
30
ns RDCLOAD =40 Ω;
P_6.1.104
Transition time
Idle → active
dBusTxia
–10
30
ns RDCLOAD =40 Ω;
P_6.1.105
Transition time
Active → idle
dBusTxai
–10
30
ns RDCLOAD =40 Ω;
P_6.1.106
Bus Receiver, BP and BM
Receiver threshold for
detecting Data_1
uData1
150 –
300
mV -10 V < uCM <15 V;
P_6.1.107
Receiver threshold for
detecting Data_0
uData0
-300 –
-150 mV -10 V < uCM <15 V;
P_6.1.108
Mismatch of receiver
thresholds
uData1 -
|uData0|
-30
–
30
mV (uBP + uBM)/ 2=2.5 V;
P_6.1.109
Common mode voltage
range
uCM =(uBP + uBM)/2
uCM
-10
–
15
V
5);
P_6.1.110
Filter time for bus idle
detection
dBDIdleDetectio
n
50
–
200
ns uBus = 900 mV → 30 mV; P_6.1.111
Filter time for bus active
detection
dBDActivityDete
ction
100 –
250
ns uBus =30 mV → 900 mV; P_6.1.112
Receiver common mode
input resistance
RCM1, RCM2
10
–
40
kΩ Bus idle; open load;
P_6.1.113
Receiver differential input
resistance
RCM1 + RCM2
20
–
80
kΩ Bus idle; open load;
P_6.1.114
Absolute differentialbus idle
voltage
uBDTxIdle
0–
30
mV TxEN = “high”;
40 Ω < RDCLOAD <55 Ω;
P_6.1.115
Idle voltage at BP and BM
BD_Normal mode
uBiasNon-LowPower 1.8 2.5 3.2
V
TxEN = “high”; 6);
40 Ω < RDCLOAD <55 Ω;
P_6.1.116
Idle voltage at BP and BM
BD_Standby mode
uBiasLowPower
-100 0
100
mV 40 Ω < RDCLOAD <55 Ω; 6); P_6.1.117
Absolute leakage current on
BP when in BD_Off condition
iBPLeak
–7
15
µA uBP = uBM = 5 V; All other
pins connected to GND.
GND pin connected
directly to 0 V;
P_6.1.118
Absolute leakage current on
BM when in BD_Off
condition
iBMLeak
–7
15
µA uBP = uBM = 5 V; All other
pins connected to GND.
GND pin connected
directly to 0 V;
P_6.1.119
Table 9
Electrical characteristics (cont’d)
uVCC = 4.75 V to 5.25 V; uVIO = 3.0 V to 5.25 V; RDCLOAD = 45 Ohm; CDCLOAD = 100 pF; Tj = -40°C to +150°C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Un
it
Note or Test Condition Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com