Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 35Page - Infineon Technologies AG TLE9222 Datasheet HTML 36Page - Infineon Technologies AG TLE9222 Datasheet HTML 37Page - Infineon Technologies AG TLE9222 Datasheet HTML 38Page - Infineon Technologies AG TLE9222 Datasheet HTML 39Page - Infineon Technologies AG TLE9222 Datasheet HTML 40Page - Infineon Technologies AG TLE9222 Datasheet HTML 41Page - Infineon Technologies AG TLE9222 Datasheet HTML 42Page - Infineon Technologies AG TLE9222 Datasheet HTML 43Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Data Sheet
39
Rev. 1.2
2017-10-17
TLE9222
FlexRay Transceiver
Application information
trigger a SPI readout of the status register. By observing the BGE flag being set “low”, the MCU has verified that
the TLE9222 has been safely disconnected from the bus by the Safety Supply IC.
It is recommended to follow these steps for the ECU software implementation. After ECU power-up, the MCU
should test and verify the correct behavior of the fail safe state as a part of its initialization routine, before
releasing the transceiver for bus access and transmission.
7.5
Minimizing ECU current consumption through BD_Standby mode
The very low current consumption of iVCC_Stb_85 and iVCC_Stb_150 of the TLE9222 can only be reached with the
correct system implementation and software control. While operating in ECU low power mode with the
TLE9222 in BD_Standby mode, the logic inputs should be in their default states (See Table 2). This prevents
current to flow through the implemented pull-up / pull-down circuits. Secondly, the logic outputs, RxD and
ERRN, should be in their default condition “high” for BD_Standby mode (See Table 4). After the TLE9222 is set
to BD_Standby mode, it is recommended to perform a SPI readout for verifying correct state transition and to
clear pending diagnosis flags.
A MCU in low-power mode should continuously (by interrupt) or periodically (by polling) monitor the ERRN
output for wake-up information. Even if the wake-up function is not being used, the MCU should clear the flags
of the status register by SPI readout. For simpler ECU implementations, not using the SPI interface, a mode
change cycle to BD_Normal mode and back to BD_Standby mode again has the same effect.
7.6
Further application information
• Please contact us for information regarding the pin FMEA
• For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com