Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 28Page - Infineon Technologies AG TLE9222 Datasheet HTML 29Page - Infineon Technologies AG TLE9222 Datasheet HTML 30Page - Infineon Technologies AG TLE9222 Datasheet HTML 31Page - Infineon Technologies AG TLE9222 Datasheet HTML 32Page - Infineon Technologies AG TLE9222 Datasheet HTML 33Page - Infineon Technologies AG TLE9222 Datasheet HTML 34Page - Infineon Technologies AG TLE9222 Datasheet HTML 35Page - Infineon Technologies AG TLE9222 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Data Sheet
32
Rev. 1.2
2017-10-17
TLE9222
FlexRay Transceiver
Electrical characteristics
Acceptance time-out for
interruptions
dWUInterruptt
0.13 –
1
µs 8)
P_6.1.137
Reaction time after wake-up dBDWakeupRea
ctionRemote
–
–
100
µs –
P_6.1.138
1) Not subject to production test, specified by design
2) No undervoltage on VIO. VCC supplied
3) For all TxD signals with a sum of rise and fall time (20% - 80% uVIO) of up to 9ns
4) The TxD signal is constant for 100 ns ... 4400 ns before the first edge and also in case the test is performed with the
opposite polarity
5) Tested on a receiving bus driver. Sending bus driver has a ground offset voltage in the range of [-12.5 V to +12.5 V] and
sends a 50 / 50 pattern
6) Bus Driver connected to GND and uVCC = 5 V
7)For ±300 mV as well as ±150 mV levels of uBUS
8) When the phase that is interrupted was continuously present for at least 870 ns
Table 9
Electrical characteristics (cont’d)
uVCC = 4.75 V to 5.25 V; uVIO = 3.0 V to 5.25 V; RDCLOAD = 45 Ohm; CDCLOAD = 100 pF; Tj = -40°C to +150°C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Un
it
Note or Test Condition Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com