Electronic Components Datasheet Search
  English  ▼

X  

TLE7268LC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7268LC Datasheet HTML 3Page - Infineon Technologies AG TLE7268LC Datasheet HTML 4Page - Infineon Technologies AG TLE7268LC Datasheet HTML 5Page - Infineon Technologies AG TLE7268LC Datasheet HTML 6Page - Infineon Technologies AG TLE7268LC Datasheet HTML 7Page - Infineon Technologies AG TLE7268LC Datasheet HTML 8Page - Infineon Technologies AG TLE7268LC Datasheet HTML 9Page - Infineon Technologies AG TLE7268LC Datasheet HTML 10Page - Infineon Technologies AG TLE7268LC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
7
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Pin configuration
5EN2
Enable input 2;
• has an integrated pull-down resistor
• set this pin to “high” to select Normal Operation mode for transceiver_1
6
N.C.
Not connected
7TxD2
Transmit data input 2;
• has an integrated pull-up current source
• set this pin to “low” to drive a dominant signal on LIN bus_2
8GND
Ground
9BUS2
BUS Input / Output 2;
• has an integrated LIN slave termination
10
VS
Battery supply input;
• requires decoupling capacitor of 100 nF
11
INH
Inhibit output;
• Battery supply related output
• “high” when transceiver_1 OR transceiver_2 is in Normal Operation mode OR in Standby
mode
12
N.C.
Not connected
13
BUS1
BUS Input / Output 1;
• has an integrated LIN slave termination
14
N.C.
Not connected
Table 1
Pin definitions and functions
Pin Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com