Electronic Components Datasheet Search
  English  ▼

X  

TLE7268LC Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7268LC Datasheet HTML 5Page - Infineon Technologies AG TLE7268LC Datasheet HTML 6Page - Infineon Technologies AG TLE7268LC Datasheet HTML 7Page - Infineon Technologies AG TLE7268LC Datasheet HTML 8Page - Infineon Technologies AG TLE7268LC Datasheet HTML 9Page - Infineon Technologies AG TLE7268LC Datasheet HTML 10Page - Infineon Technologies AG TLE7268LC Datasheet HTML 11Page - Infineon Technologies AG TLE7268LC Datasheet HTML 12Page - Infineon Technologies AG TLE7268LC Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
9
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Functional description
4.1
Operating modes
The transceivers of the TLE7268 have the following major operation modes (see Figure 4):
•Normal Operation mode
•Standby mode
•Sleep mode
The transceivers can operate independently of each other regarding operational mode, for example one
transceiver can be in Normal Operation mode while the other is in Sleep mode or in Standby mode. The only
feature that introduces a dependency between the two transceivers is the voltage regulator control output,
the INH pin. INH is floating only when both transceivers are in Sleep mode. INH “high” immediately indicates
a mode change of any transceiver, which has been triggered by bus wake-up or by a “high” signal on either ENx
input.
Figure 4
Operation mode state diagram
BUSx wake-up
Normal Operation mode
Standby mode
Sleep mode
Power-up
LIN BUSx OFF
INH „high“
ENx „low“
LIN BUSx OFF
INH „floating“ 1
)
ENx „low“
LIN BUSx ON
INH „high“
ENx „high“
1) Inhibit output:
- INH is “floating” only if both transceivers are in Sleep mode
ENx
ENx
ENx
BUSx
wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com