Electronic Components Datasheet Search
  English  ▼

X  

TLE7268LC Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7268LC Datasheet HTML 14Page - Infineon Technologies AG TLE7268LC Datasheet HTML 15Page - Infineon Technologies AG TLE7268LC Datasheet HTML 16Page - Infineon Technologies AG TLE7268LC Datasheet HTML 17Page - Infineon Technologies AG TLE7268LC Datasheet HTML 18Page - Infineon Technologies AG TLE7268LC Datasheet HTML 19Page - Infineon Technologies AG TLE7268LC Datasheet HTML 20Page - Infineon Technologies AG TLE7268LC Datasheet HTML 21Page - Infineon Technologies AG TLE7268LC Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Data Sheet
18
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
General product characteristics
6
General product characteristics
6.1
Absolute maximum ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Table 3
Absolute maximum ratings 1)
All voltages with respect to ground; positive current flowing into pin; unless otherwise specified
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note or Test Condition Number
Min. Typ. Max.
Voltages
Battery supply voltage
VS
-0.3 –
40
V
ISO 17987 Param. 11
P_5.1.1
input voltage at BUS1, BUS2
VBUS
-27 –
40
V
–
P_5.1.2
DifferencevoltagebetweenBUS1
and BUS2
|VBUS1-BUS2|-
–
40
V
–
P_5.1.14
Logic voltage at EN1, EN2, TxD1,
TxD2, RxD1, RxD2
Vlogic
-0.3 –
6.0
V
–
P_5.1.3
INH voltage
VINH
-0.3 –
VS + 0.3 V
–
P_5.1.4
Currents
Output current at RxD1, RxD2
IRxD
0–
15
mA –
P_5.1.5
Output current at INH
IINH
-5
–
5
mA –
P_5.1.6
Temperatures
Junction temperature
Tj
-40 –
150
°C
–
P_5.1.7
Storage temperature
Ts
-55 –
150
°C
–
P_5.1.8
ESD Resistivity
Electrostaticdischarge voltage at
VS, BUS1, BUS2
VESD_HBM_BUS -8
–
8
kV
Human Body Model
(100pF via 1.5 kΩ)2)
2) ESD susceptibility HBM according to ANSI / ESDA / JEDEC JS-001
P_5.1.9
Electrostatic discharge voltage
all other pins
VESD_HBM_ALL -2
–
2
kV
Human Body Model
(100pF via 1.5 kΩ)2)
P_5.1.10
Electrostatic discharge voltage
corner pins
VESD_CDM_CP -750 –
750
V
Charged Device Model3)
3) ESD susceptibility, Charged Device Model “CDM” EIA / JESD 22-C101 or ESDA STM5.3.1
P_5.1.11
Electrostatic discharge voltage
all other pins
VESDCDM_OP -500 –
500
V
Charged Device Model3) P_5.1.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com