Electronic Components Datasheet Search
  English  ▼

X  

TLE7268LC Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7268LC
Description  Dual LIN 2.2 / SAE J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7268LC Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7268LC Datasheet HTML 6Page - Infineon Technologies AG TLE7268LC Datasheet HTML 7Page - Infineon Technologies AG TLE7268LC Datasheet HTML 8Page - Infineon Technologies AG TLE7268LC Datasheet HTML 9Page - Infineon Technologies AG TLE7268LC Datasheet HTML 10Page - Infineon Technologies AG TLE7268LC Datasheet HTML 11Page - Infineon Technologies AG TLE7268LC Datasheet HTML 12Page - Infineon Technologies AG TLE7268LC Datasheet HTML 13Page - Infineon Technologies AG TLE7268LC Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Data Sheet
10
Rev. 1.0
2017-09-14
TLE7268
Dual LIN 2.2 / SAE J2602 Transceiver
Functional description
4.2
Normal Operation mode
In Normal Operation mode all functions of the TLE7268 are available and the device is fully functional. Data
can be received from the LIN Bus as well as transmitted to the LIN Bus. The following functions are available
in the Normal Operation mode:
• The transmitter_x is turned on, data on the TxDx input pin is driven on the LIN bus_x.
• The receiver_x is turned on, data on the LIN bus_x is monitored on the RxDx output.
• The TxDx pin is pulled up to the internal power supply by an internal current source of the TLE7268.
• The INH output is switched on.
• The LIN bus is not continuously monitored after a LIN Bus Wake Up (Chapter 4.5)
• The undervoltage detection is enabled (see Chapter 5.2).
Conditions for entering the Normal Operation mode:
• The Normal Operation mode can be entered from all modes of Operation by setting the ENx input pin to
“high”.
After a mode change for a transceiver_x of the TLE7268to Normal Operation mode, a “high” signal for at least
tto_rec on the TxDx input is required before releasing data communication on the corresponding transceiver
(see Figure 5). After a mode change to Normal Operation mode while the TxDx is “low”, the Transmitter_x
remains inactive until there is a transition from “low” to “high” at the TxDx pin. This behavior excludes
possible bus communication disturbance during a mode change.
Figure 5
Transition from Standby mode to Normal Operation mode
Standby mode
tTo_rec
Normal Operation mode
Sleep mode
t
ENx
t
Data transmission
RxDx
t
Data transmission
TxDx
t
INH
tMODE
1)
1)
tMODE
2) INH is switched off only if both
transceivers are in Sleep mode
TxDx pin is high-impedance
1) External pull up resistor is required.
2) External pull down is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com