Electronic Components Datasheet Search
  English  ▼

X  

EL7242CSZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL7242CSZ
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7242CSZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL7242CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EL7242, EL7252
FN7285 Rev 5.00
Page 3 of 9
September 3, 2015
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V above V+
Combined Peak Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . .4A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .570mW
8 Ld PDIP* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1050mW
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = +25°C, V = 15V, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VIH
Logic “1' Input Voltage
2.4
V
IIH
Logic “1' Input Current
@V+
0.1
10
µA
VIL
Logic “0' Input Voltage
0.8
V
IIL
Logic “0' Input Current
@0V
0.1
10
µA
VHVS
Input Hysteresis
0.3
V
OUTPUT
ROH
Pull-up Resistance
IOUT = -100mA
3
6
ROL
Pull-down Resistance
IOUT = +100mA
4
6
IPK
Peak Output Current
Source
2
A
Sink
2
A
IDC
Continuous Output Current
Source/Sink
100
mA
POWER SUPPLY
IS
Power Supply Current
Inputs High
1
2.5
mA
VS
Operating Voltage
4.5
16
V
AC Electrical Specifications
TA = +25°C, V = 15V, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
tR
Rise Time (Note 2)
CL = 500pF
10
ns
CL = 1000pF
20
ns
tF
Fall Time (Note 2)
CL = 500pF
10
ns
CL = 1000pF
20
ns
tD-ON
Turn-On Delay Time (Note 2)
20
25
ns
tD-OFF
Turn-Off Delay Time (Note 2)
20
25
ns
NOTE:
2. Limits established by characterization and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com