Electronic Components Datasheet Search
  English  ▼

X  

EL7242CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL7242CSZ
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7242CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL7242CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN7285 Rev 5.00
Page 1 of 9
September 3, 2015
FN7285
Rev 5.00
September 3, 2015
EL7242, EL7252
Dual Input, High Speed, Dual Channel Power MOSFET Driver
DATASHEET
The EL7242/EL7252 dual input, 2-channel drivers achieve
the same excellent switching performance of the EL7212
family while providing added flexibility. The 2-input logic and
configuration is applicable to numerous power MOSFET
drive circuits. As with other Intersil drivers, the
EL7242/EL7252 are excellent for driving large capacitive
loads with minimal delay and switching times. “Shoot-thru”
protection and latching circuits can be implemented by
simply “cross-coupling” the 2-channels.
Features
• Logic AND/NAND input
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
• 2A Peak drive
• Isolated drains
• Low output impedance
• Low quiescent current
• Wide operating voltage — 4.5V to 16V
• Pb-free available (RoHS compliant)
Applications
• Short circuit protected switching
• Undervoltage shut-down circuits
• Switch-mode power supplies
• Motor controls
• Power MOSFET switching
• Switching capacitive loads
• Shoot-thru protection
• Latching drivers
Pinouts
EL7242
(8 LD PDIP, SOIC)
TOP VIEW
EL7252
(8 LD PDIP, SOIC)
TOP VIEW
1
2
3
4
8
7
6
5
A IN
B IN
C IN
D IN
V+
OUT A
OUT B
GND
1
2
3
4
8
7
6
5
A IN
B IN
C IN
D IN
V+
OUT A
OUT B
GND
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047


Similar Part No. - EL7242CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7242CSZ INTERSIL-EL7242CSZ Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
EL7242CSZ INTERSIL-EL7242CSZ Datasheet
203Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
July 29, 2009
EL7242CSZ INTERSIL-EL7242CSZ Datasheet
251Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242CSZ-T13 INTERSIL-EL7242CSZ-T13 Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
EL7242CSZ-T13 INTERSIL-EL7242CSZ-T13 Datasheet
203Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
July 29, 2009
More results

Similar Description - EL7242CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
November 14, 2005
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
July 29, 2009
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
Dual Input, High Speed, Dual Channel Power MOSFET Driver
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com