Electronic Components Datasheet Search
  English  ▼

X  

EL7242CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL7242CSZ
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7242CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL7242CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EL7242, EL7252
FN7285 Rev 5.00
Page 4 of 9
September 3, 2015
Timing Table
Standard Test Configuration
Simplified Schematic
5V
2.5V
0
90%
10%
INPUT
INVERTED
OUTPUT
NON-INVERTED
OUTPUT
90%
10%
tD1
tD2
tF
tR
tR
tF
OUTPUT
1000pF
LOAD
4.7µF
TAN
INPUT
1
2
5
7
3
4
EL7242
V+
+
OUTPUT
INPUT
V+
VREF
INPUT
BUFFER
REFERENCE AND
LEVEL SHIFTER
INVERTING
BUFFER
WITH
HYSTERESIS
LOGIC
GATE
SUPER INVERTER
+
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com