Electronic Components Datasheet Search
  English  ▼

X  

EL7242CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL7242CSZ
Description  Dual Input, High Speed, Dual Channel Power MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7242CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL7242CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7242CSZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EL7242, EL7252
FN7285 Rev 5.00
Page 5 of 9
September 3, 2015
Typical Performance Curves
FIGURE 1. MAX POWER/DERATING CURVES
FIGURE 2. SWITCH THRESHOLD vs SUPPLY VOLTAGE
FIGURE 3. INPUT CURRENT vs VOLTAGE
FIGURE 4. PEAK DRIVE vs SUPPLY VOLTAGE
FIGURE 5. QUIESCENT SUPPLY CURRENT
FIGURE 6. ON-RESISTANCE vs SUPPLY VOLTAGE
0.8
0.6
0.4
0.2
0.0
1.0
0
25
50
75
100
125
150
MAX TJ= 125°C
570mW
JA = 95°C/W
PDIP8
JA = 175°C/W
SO8
1.05W
AMBIENT TEMPERATURE (°C)
1.6
1.4
1.2
1.0
0.0
1.8
0
5
10
15
2.0
SUPPLY VOLTAGE
LOW LIMIT = 0.8V
HIGH LIMIT = 2.4V
HYSTERESIS
-5
0
V+
20
-10
0
2/DIV
10
VIN 2.5V/DIV
0
-1
-2
0
5
10
15
1
2
0
5
10
15
V - SUPPLY
V - SUPPLY
N-CHANNEL
P-CHANNEL
0
5
10
15
SUPPLY VOLTAGE (V)
0
5
1
2
3
4
6
7
8
A
B
C
D
E
ALL INPUTS GND
3 INPUTS GND
2 INPUTS GND
1 INPUT GND
ALL INPUTS V+
A
B
C
D
E
CASE:
0
2
4
6
8
510
15
SUPPLY VOLTAGE (V)
MEASURED AT
100mA
PULL-UP
PULL-DOWN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com