| Electronic Components Datasheet Search |
|
DLPC3470 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC3470 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 70 page ![]() 15 DLPC3470 www.ti.com DLPS110 – APRIL 2018 Product Folder Links: DLPC3470 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. (3) Overlap currents, if allowed to continue flowing unchecked, not only increase total power dissipation in a circuit, but degrade the circuit reliability, thus shortening its usual operating life. 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature (unless otherwise noted) (1) MIN MAX UNIT SUPPLY VOLTAGE(2)(3) V(VDD) (core) –0.3 1.21 V V(VDDLP12) (core) –0.3 1.32 V Power + sub-LVDS –0.3 1.96 V V(VCC_INTF) Host I/O power –0.3 3.60 V If 1.8-V power used –0.3 1.99 If 2.5-V power used –0.3 2.75 If 3.3-V power used –0.3 3.60 V(VCC_FLSH) Flash I/O power –0.3 3.60 V If 1.8-V power used –0.3 1.96 If 2.5-V power used –0.3 2.72 If 3.3-V power used –0.3 3.58 V(VDD_PLLM) (MCG PLL) –0.3 1.21 V V(VDD_PLLD) (1DCG PLL) –0.3 1.21 V GENERAL TJ Operating junction temperature –30 125 °C Tstg Storage temperature –40 125 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) ±2000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) ±500 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |