Electronic Components Datasheet Search
  English  ▼

X  

DLPC3470 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 46Page - Texas Instruments DLPC3470 Datasheet HTML 47Page - Texas Instruments DLPC3470 Datasheet HTML 48Page - Texas Instruments DLPC3470 Datasheet HTML 49Page - Texas Instruments DLPC3470 Datasheet HTML 50Page - Texas Instruments DLPC3470 Datasheet HTML 51Page - Texas Instruments DLPC3470 Datasheet HTML 52Page - Texas Instruments DLPC3470 Datasheet HTML 53Page - Texas Instruments DLPC3470 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
1.1V
RESETZ
CMP_PWM
1.8V
2.3 V to 5.5 V
INTZ
DLPA200x
PARKZ
VLED
1.1 V
1.8 V
VCORE
VIO
3
BIAS, RST, OFS
Thermistor
I2C
Video Front End
System Controller
Microcontroller
Parallel I/F 28
DLPC3470
eDRAM
VCC_FLSH
SPI_1
SPI_0
SYSPWR
1.8V
Sub-LVDS DATA (18)
CTRL
VCC_INTF
1.8V
VSPI
1.1V
Reg
Current
Sense
RC_CHARGE
GPIO_8 (Normal Park)
TSTPT_4
GPIO_7
TRIG_OUT1
TRIG_OUT2
DC Supplies
L3
L1
L2
SPI(4)
CMP_OUT
LED_SEL(2)
Illumination
Optics
Illuminator
Focus
stepper
motor
Focus motor position sensor
HDMI
Keypad
PROJ_ON
SPI
Flash
PROJ_ON
Included in DLP® Chip Set
Non-DLP components
Spare R/W
GPIO
WVGA
DDR DMD
DLP2010/
DLP2010
(NIR)
Monochrome
Illumination
(1)
Copyright © 2018, Texas Instruments Incorporated
50
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
A Pico projector embedded in a handheld product is a common application for the DLPC3470 controller with
DLP2010 DMD and DLPA2000 device PMIC/LED driver. For example, a Pico projector may be embedded in a
smart phone, a tablet, a camera, or camcorder. The DLPC3470 controller in the Pico projector embedded
module typically receives images from a host processor within the product.
DLPC3470 display and light controller with DLP2010 DMD enables high accuracy and very small form factor 3D
Depth sensing products. This section describes typical 3D depth sensor DLP systems using both external and
internal pattern streaming modes.
9.2 Typical Application
9.2.1 3D Depth Capture with DLP Using External Pattern Streaming Mode
DLPC3470 controller with DLP2010/DLP2010NIR DMD enables high accuracy and very small form factor 3D
Depth capture products. Figure 31 shows a typical 3D depth capture system block diagram using external pattern
streaming mode.
(1)
Options to elect different LEDs, but only 1 channel used at a time
Figure 31. External Pattern Streaming Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com