Electronic Components Datasheet Search
  English  ▼

X  

DLPC3470 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 21Page - Texas Instruments DLPC3470 Datasheet HTML 22Page - Texas Instruments DLPC3470 Datasheet HTML 23Page - Texas Instruments DLPC3470 Datasheet HTML 24Page - Texas Instruments DLPC3470 Datasheet HTML 25Page - Texas Instruments DLPC3470 Datasheet HTML 26Page - Texas Instruments DLPC3470 Datasheet HTML 27Page - Texas Instruments DLPC3470 Datasheet HTML 28Page - Texas Instruments DLPC3470 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
25
DLPC3470
www.ti.com
DLPS110 – APRIL 2018
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The BT.656 interface accepts 8-bits per color, 4:2:2 YCb/Cr data encoded per the industry standard through PDATA(7:0) on the active
edge of PCLK (that is programmable). See .
(2)
Clock jitter should be calculated using this formula: Jitter = [1 / fclock – 5.76 ns]. Setup and hold times must be met during clock jitter.
6.14 BT656 Interface General Timing Requirements
The DLPC3470 controller ASIC input interface supports the industry standard BT.656 parallel video interface. See the
appropriate ITU-R BT.656 specification for detailed interface timing requirements.
(1)
MIN
MAX
UNIT
ƒclock
Clock frequency, PCLK
1.0
33.5
MHz
tp_clkper
Clock period, PCLK
50% reference points
29.85
1000
ns
tp_clkjit
Clock jitter, PCLK
Max fclock
See (2)
See (2)
tp_wh
Pulse duration low, PCLK
50% reference points
10.0
ns
tp_wl
Pulse duration high, PCLK
50% reference points
10.0
ns
tp_su
Setup time – PDATA(7:0) before the active edge of
PCLK
50% reference points
3.0
ns
tp_h
Hold time – PDATA(7:0) after the active edge of
PCLK
50% reference points
0.9
ns
tt
Transition time – all signals
20% to 80% reference points
0.2
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com