Electronic Components Datasheet Search
  English  ▼

X  

DLPC3470 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3470
Description  Display and Light Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3470 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC3470 Datasheet HTML 24Page - Texas Instruments DLPC3470 Datasheet HTML 25Page - Texas Instruments DLPC3470 Datasheet HTML 26Page - Texas Instruments DLPC3470 Datasheet HTML 27Page - Texas Instruments DLPC3470 Datasheet HTML 28Page - Texas Instruments DLPC3470 Datasheet HTML 29Page - Texas Instruments DLPC3470 Datasheet HTML 30Page - Texas Instruments DLPC3470 Datasheet HTML 31Page - Texas Instruments DLPC3470 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28
DLPC3470
DLPS110 – APRIL 2018
www.ti.com
Product Folder Links: DLPC3470
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The user must stay within specifications for all source interface parameters such as max clock rate and max line rate.
(2)
The max DMD size for all rows in the table is 854 × 480.
(3)
To achieve the ranges stated, the composer-created firmware used must be defined to support the source parameters used.
(4)
These interfaces are supported with the DMD sequencer synchronization mode command (3Bh) set to auto.
(5)
Bits / Pixel does not necessarily equal the number of data pins used on the DLPC3470 controller . Fewer pins are used if multiple clocks
are used per pixel transfer.
(6)
By using an I2C command, portrait image inputs can be rotated on the DMD by minus 90 degrees so that the image is displayed in
landscape format.
(7)
All parameters in this row follow the BT.656 standard. The image format is always landscape.
(8)
BT.656 uses 16-bit 4:2:2 YCr/Cb.
7.2 Input Source
Table 2. Supported Input Source Ranges(1)(2)(3)(4)
INTERFACE
Bits / Pixel (5)
IMAGE TYPE
SOURCE RESOLUTION RANGE(6)
FRAME RATE
RANGE
HORIZONTAL
VERTICAL
Landscape
Portrait
Landscape
Portrait
Parallel
24 max
2D only
320 to 1280
200 to 800
200 to 800
320 to 1280
10 to 122 Hz
Parallel
24 max
3D only
320 to 1280
200 to 720
200 to 720
320 to 1280
98 to 102 Hz
118 to 122 Hz
BT.656-NTSC
(7)
See (8)
2D only
720
n/a
240
n/a
60 ±2 Hz
BT.656-PAL (7)
See (8)
2D only
720
n/a
288
n/a
50 ±2 Hz
7.2.1 Input Source - Frame Rates and 3-D Display Orientation
For 3D sources on the parallel interface, images must be frame sequential (L, R, L, ...) when input to the
DLPC3470 controller . Any processing required to unpack 3D images and to convert them to frame sequential
must be done by external electronics prior to inputting the images to the DLPC3470 controller . Each 3D source
frame input must contain a single eye frame of data separated by a VSYNC where an eye frame contains image
data for a single left or right eye. The signal 3DR input to the DLPC3470 controller tells whether the input frame
is for the left eye or right eye.
Each DMD frame will be displayed at the same rate as the input interface frame rate. Typical timing for a 50-Hz
or 60-Hz 3D HDMI source frame, the input interface of the DLPC3470 controller , and the DMD is shown in
Figure 8. GPIO_04 is optionally sent to a transmitter on the system PCB for wirelessly transmitting a
synchronization signal to 3D glasses. The glasses are then in phase with the DMD images being displayed.
Alternately, 3-D Glasses Operation shows how DLP Link pulses can be used instead.
Figure 8. DLPC3470 controller L/R Frame and Signals Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com