Electronic Components Datasheet Search
  English  ▼

X  

MP2681 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2681
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2681 Datasheet HTML 13Page - Monolithic Power Systems MP2681 Datasheet HTML 14Page - Monolithic Power Systems MP2681 Datasheet HTML 15Page - Monolithic Power Systems MP2681 Datasheet HTML 16Page - Monolithic Power Systems MP2681 Datasheet HTML 17Page - Monolithic Power Systems MP2681 Datasheet HTML 18Page - Monolithic Power Systems MP2681 Datasheet HTML 19Page - Monolithic Power Systems MP2681 Datasheet HTML 20Page - Monolithic Power Systems MP2681 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MP2681 – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681 Rev.1.01
www.MonolithicPower.com
17
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION WAVEFORM
Charge sequence ( 5 Cell)
VDD
/Flyback Output
Voltage
Charge ON/ OFF
MOSFET Gate
Driver
CCON
Charge Current
Battery Voltage
150mA
0.2 - 0.4A
OFF
IN
Before power up
Battery In
Signal
FLT Signal
5V
OUT
20.75V
16V
0V
0V
0V
0V
2-4A
0A
12.5V
15 V
Flyback
power
up
MP2681
Starts
Operation
Pre-
Charge
CC
Charge
Fault
Condition
Back to CC
Battery
removal
Battery
Insertion
Back to CC
CV charge Charge Full
0V
No
Charging
Pre-Charge
VBATT
16V
16V
16V
16V
Figure 8 — MP2681 Charge Sequence (5 Cell)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com