Electronic Components Datasheet Search
  English  ▼

X  

MP2681 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2681
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2681 Datasheet HTML 1Page - Monolithic Power Systems MP2681 Datasheet HTML 2Page - Monolithic Power Systems MP2681 Datasheet HTML 3Page - Monolithic Power Systems MP2681 Datasheet HTML 4Page - Monolithic Power Systems MP2681 Datasheet HTML 5Page - Monolithic Power Systems MP2681 Datasheet HTML 6Page - Monolithic Power Systems MP2681 Datasheet HTML 7Page - Monolithic Power Systems MP2681 Datasheet HTML 8Page - Monolithic Power Systems MP2681 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP2681 – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681 Rev.1.01
www.MonolithicPower.com
4
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD= 18V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
CCON Rise Time
tr_CCON
VCCON:10% to 90% CCCON=10nF
435
500
μs
CCON Fall Time
tf_CCON
VCCON:90% to 10% CCCON=10nF
50
100
μs
CR High logic
VCRH
Fast Charge
2.5
V
CR Low logic
VCRL
Slow Charge
0.4
V
Thermal Shutdown
(5)
TSHTDWN
150
°C
Notes:
(5). Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com