Electronic Components Datasheet Search
  English  ▼

X  

MP2681 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2681
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2681 Datasheet HTML 4Page - Monolithic Power Systems MP2681 Datasheet HTML 5Page - Monolithic Power Systems MP2681 Datasheet HTML 6Page - Monolithic Power Systems MP2681 Datasheet HTML 7Page - Monolithic Power Systems MP2681 Datasheet HTML 8Page - Monolithic Power Systems MP2681 Datasheet HTML 9Page - Monolithic Power Systems MP2681 Datasheet HTML 10Page - Monolithic Power Systems MP2681 Datasheet HTML 11Page - Monolithic Power Systems MP2681 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MP2681 – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681 Rev.1.01
www.MonolithicPower.com
8
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
VDD
Power Supply Input. Bypass VDD to GND with a capacitor, at least 4.7μF.
2
NC
No Connected.
3
GND
Ground
4
VFB
Voltage feedback pin. Connect this pin to the compensation of the voltage regulation loop
externally.
5
COMP
Output pin common to voltage regulation and current limitation loops. Connect to the cathode
of the opto-coupler.
6
IFB
Current feedback. Connect to current sense resistor.
7
LEDR Charging status Indicator. (See table 3 for indication)
8
LEDG Charging status Indicator. (See table 3 for indication)
9
CR
Charge Rate Setting Pin. Pull it to logic high to set the charger in fast charge or logic low to
set the charger in slow charge. Floating this pin sets the charger in fast charge as default
setting.
10
ID
Connect to the ID resistor output pin of the battery pack. This pin is used to detect the battery
type.
11
NTC
Battery temperature monitoring pin. Please see Fig 2 for proper connection.
12
TMR
Timer setting pin. Connect a capacitor from this pin to GND to set the oscillator cycle. The
Timer setting period changes according to oscillation cycle. Short this pin to ground to
disable the timer.
13
LDO
LDO output for pulling high voltage of NTC, FLT and ID pins.
14
FLT
Drain output pin to detect a charge fault condition. . It is pulled low when any fault happens.
Connect this pin to the battery pack pin if available. Pull FLT high to LDO pin through a
resistor.
15
BATT
Battery Sense Voltage input.
16
CCON
External charge on/off control MOSFET gate control pin. This pin cuts off the charge path
when any fault happens or protection is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com