Electronic Components Datasheet Search
  English  ▼

X  

MP2681 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2681
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2681 Datasheet HTML 6Page - Monolithic Power Systems MP2681 Datasheet HTML 7Page - Monolithic Power Systems MP2681 Datasheet HTML 8Page - Monolithic Power Systems MP2681 Datasheet HTML 9Page - Monolithic Power Systems MP2681 Datasheet HTML 10Page - Monolithic Power Systems MP2681 Datasheet HTML 11Page - Monolithic Power Systems MP2681 Datasheet HTML 12Page - Monolithic Power Systems MP2681 Datasheet HTML 13Page - Monolithic Power Systems MP2681 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MP2681 – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681 Rev.1.01
www.MonolithicPower.com
10
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 1 is a summary of all the charge voltage
setting for the MP2681. The real ID voltage
threshold for every battery
pack is about ±65mV wider than the ones listed
in the table taking in consideration
reference
variations, comparator offsets and hysteresis.
Table1: Charge Voltage Setting Summary
ID resistor
Detect Voltage
Operation Mode
Battery Spec
Output Voltage
Float
VID>4.145V
Sleep Mode
Unknown
3.2V/cell
73.2k
3.534V<VID<4.145V
3S1P
12.45V
28.7k
2.54V<VID<3.25V
3S2P
12.45V
13k
1.685V<VID<2.195V
4S1P
16.6V
7.87k
1.185V<VID<1.605V
4S2P
16.6V
3.9k
0.64V<VID<0.965V
5S1P
20.75V
1.62k
0.265V<VID<0.475V
Automatic Mode
5S2P
20.75V
Short
VID<0.265V
Sleep Mode
Unknown
3.2V/cell
If the ID pin voltage is detected out of range
based on the values specified in Table 1 possibly
caused by the insertion of a wrong battery pack
configuration, the MP2681 will detect this fault
condition and cutoff the external MOSFET to stop
charging and protect the battery. Under this
condition the output voltage is set to a default
value of 3.2V/cell and the MP2681 enters sleep
mode. The MP2681 also provides a fault
indication.
The MP2681 compares the VFB voltage to its
internal voltage reference in order to keep
voltage regulation. If this voltage is higher than
2.075V, the output of the voltage loop operational
amplifier will decreases. The opto-coupler current
increases reducing the output voltage of the
PWM controller.
Figure 3 shows the CC and CV control circuit.
Figure 3 — CC/CV Control Circuit of MP2681



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com