Electronic Components Datasheet Search
  English  ▼

X  

MP2690 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP2690
Description  All-in-One, 2.5A Battery Charger with 2.1A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2690 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP2690 Datasheet HTML 18Page - Monolithic Power Systems MP2690 Datasheet HTML 19Page - Monolithic Power Systems MP2690 Datasheet HTML 20Page - Monolithic Power Systems MP2690 Datasheet HTML 21Page - Monolithic Power Systems MP2690 Datasheet HTML 22Page - Monolithic Power Systems MP2690 Datasheet HTML 23Page - Monolithic Power Systems MP2690 Datasheet HTML 24Page - Monolithic Power Systems MP2690 Datasheet HTML 25Page - Monolithic Power Systems MP2690 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
MP2690
– ALL-IN-ONE, 2.5A SW CHARGER, 2.1A BOOST
MP2690 Rev.1.0
www.MonolithicPower.com
22
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION FLOW CHART (continued)
VBATT >2.9V?
Yes
No
Normal Boost
Operation
Boost Enabled?
No
Yes
VBATT<2.5V?
No
Boost Turns Off
Yes
BATT POR
Normal Boost
Operation
VSYS<VBATT+100mV?
No
Output Current Loop
Keeps ISYS=IOLMT,
VSYS Decreases
VSYS<4V?
1ms Timer
Expires?
No
Boost Shutdown
Start 1ms Timer
Yes
No
ISYS >IOLIM?
120μs Blanking
Time Pass?
Yes
Yes
No
Yes
IL>3.5A?
Yes
Yes
No
No
Yes
Figure 6: Operation Flow Chart in Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com