Electronic Components Datasheet Search
  English  ▼

X  

MP2690 Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP2690
Description  All-in-One, 2.5A Battery Charger with 2.1A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2690 Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP2690 Datasheet HTML 29Page - Monolithic Power Systems MP2690 Datasheet HTML 30Page - Monolithic Power Systems MP2690 Datasheet HTML 31Page - Monolithic Power Systems MP2690 Datasheet HTML 32Page - Monolithic Power Systems MP2690 Datasheet HTML 33Page - Monolithic Power Systems MP2690 Datasheet HTML 34Page - Monolithic Power Systems MP2690 Datasheet HTML 35Page - Monolithic Power Systems MP2690 Datasheet HTML 36Page - Monolithic Power Systems MP2690 Datasheet HTML 37Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
MP2690
– ALL-IN-ONE, 2.5A SW CHARGER, 2.1A BOOST
MP2690 Rev.1.0
www.MonolithicPower.com
36
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VIN
SW
BATT
SYS
Battery
CBATT
PGND
MP2690
VBATT
CSP
RS1
AGND
L1
CSYS
C2
Q1
Q2
Q3
Q4
PB
DM2
DP2
USB OUTPUT
VNTC
CIN in PD
VBUS
Vpull-up
VNTC
Load in detect
M1
M2
CUSB
M3
VNTC
a) High-Side MOSFET Solution
VIN
SW
BATT
SYS
Battery
CBATT
PGND
MP2690
VBATT
CSP
RS1
AGND
L1
CSYS
C2
Q1
Q2
Q3
Q4
PB
DM2
DP2
USB OUTPUT
VNTC
CIN in PD
VBUS
Vpull-up
VNTC
CUSB
Load in detect
Load in detect
M2
M1
VNTC
M3
b) Low-Side MOSFET Solution
Figure 17: Load Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com