Electronic Components Datasheet Search
  English  ▼

X  

MP2690 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2690
Description  All-in-One, 2.5A Battery Charger with 2.1A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2690 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2690 Datasheet HTML 1Page - Monolithic Power Systems MP2690 Datasheet HTML 2Page - Monolithic Power Systems MP2690 Datasheet HTML 3Page - Monolithic Power Systems MP2690 Datasheet HTML 4Page - Monolithic Power Systems MP2690 Datasheet HTML 5Page - Monolithic Power Systems MP2690 Datasheet HTML 6Page - Monolithic Power Systems MP2690 Datasheet HTML 7Page - Monolithic Power Systems MP2690 Datasheet HTML 8Page - Monolithic Power Systems MP2690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
MP2690
– ALL-IN-ONE, 2.5A SW CHARGER, 2.1A BOOST
MP2690 Rev.1.0
www.MonolithicPower.com
3
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2690GR
QFN-26 (4mmx4mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP2690GR–Z)
TOP MARKING
MPS: MPS prefix
Y: Year code
WW: Week code
MP2690: Product code of MP2690GR
LLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
3
4
5
SW
SYS
SYS
PGND
DP1
7
TC
8
9
ILIM
10
DM2
11
DP2
PB
16
ISET
OLIM
VCC
AGND
VNTC
NTC
LED1
LED2 LED3 LED4 CSP BATT
VB
15
17
14
13
18
19
2
1
25
24
23
22
21
20
26
12
6
VIN
TMR
DM1
QFN-26 (4mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com