Electronic Components Datasheet Search
  English  ▼

X  

MP2690 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2690
Description  All-in-One, 2.5A Battery Charger with 2.1A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2690 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2690 Datasheet HTML 21Page - Monolithic Power Systems MP2690 Datasheet HTML 22Page - Monolithic Power Systems MP2690 Datasheet HTML 23Page - Monolithic Power Systems MP2690 Datasheet HTML 24Page - Monolithic Power Systems MP2690 Datasheet HTML 25Page - Monolithic Power Systems MP2690 Datasheet HTML 26Page - Monolithic Power Systems MP2690 Datasheet HTML 27Page - Monolithic Power Systems MP2690 Datasheet HTML 28Page - Monolithic Power Systems MP2690 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
MP2690
– ALL-IN-ONE, 2.5A SW CHARGER, 2.1A BOOST
MP2690 Rev.1.0
www.MonolithicPower.com
25
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2690 is a highly integrated, flexible,
switch-mode battery charger with system power-
path management designed for single-cell Li-ion
or Li-polymer battery use in a wide range of
applications. Depending on the status of the
input, the IC can operate in three different
modes: charge mode, boost mode, and sleep
mode.
In charge mode, the IC can work with a single-cell Li-
ion or Li-polymer battery. In boost mode, the IC boosts
the battery voltage to VSYS to power higher voltage
system rails. In sleep mode, both charging and boost
operations are disabled, and the device enters a
power-saving mode to help reduce overall power
consumption. The IC monitors VIN to allow smooth
transitions between different modes of operation.
VCC Power Supply
The MP2690 has an external VCC power supply. VCC
is powered by the highest voltage level out of VSYS,
VBATT, and VIN - 0.7V. An external capacitor is required
to bypass VCC to GND. When VCC is higher than
2.2V, the internal control circuit is activated.
Charge Mode Operation
Charge Cycle
(Trickle Charge  CC Charge  CV
Charge)
In charge mode, the IC uses five control loops to
regulate the input current, input voltage, charge
current, charge voltage, and device junction
temperature. The IC charges the battery in three
phases: trickle current (TC), constant current
(CC), and constant voltage (CV).
When charge operation is enabled, all five loops
are active, but only one dictates the IC behavior.
A typical battery charge profile is shown in Figure
9a. The charger stays in TC charge mode until
the battery voltage reaches a TC-to-CC threshold.
Otherwise, the charger enters CC charge mode.
When the battery voltage rises to the CV mode
threshold, the charger operates in constant
voltage mode. Figure 9b shows a typical charge
profile
when
the
input
current
limit
loop
dominates during the CC charge mode. In this
case, the charger maximizes the charging current
due to the switching-mode charging solution,
resulting in charging that is faster than a
traditional linear charging solution.
Figure 9: Typical Battery Charge Profile
Auto-Recharge
Once the battery charge cycle is completed, the
charger remains off. During this time, the system
load may consume battery power, or the battery
may self-discharge. To ensure that the battery
does not go into depletion, a new charge cycle
begins automatically when the battery voltage
falls below the auto-recharge threshold and the
input power is present. The timer resets when the
auto-recharge cycle begins.
If the input power restarts during the off-state
after the battery is fully charged, the charge cycle
starts, and the timer resets regardless of what
the battery voltage is.
Charge Current Setting
The external sense resistors (RS1 and RISET)
program the battery charge current (ICHG). Select
RISET based on RS1.
To optimize the transfer efficiency, RS1 is
recommended to be 10m
Ω. The relationship
between RISET and ICHG is shown in Equation (1):
CHG
ISET
1500
I
(A)
R
(k ) RS1(m )
 
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com