Electronic Components Datasheet Search
  English  ▼

X  

MP2615B Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2615B
Description  2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615B Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2615B Datasheet HTML 1Page - Monolithic Power Systems MP2615B Datasheet HTML 2Page - Monolithic Power Systems MP2615B Datasheet HTML 3Page - Monolithic Power Systems MP2615B Datasheet HTML 4Page - Monolithic Power Systems MP2615B Datasheet HTML 5Page - Monolithic Power Systems MP2615B Datasheet HTML 6Page - Monolithic Power Systems MP2615B Datasheet HTML 7Page - Monolithic Power Systems MP2615B Datasheet HTML 8Page - Monolithic Power Systems MP2615B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP2615B – 2A, 1- CELL LI-ION BATTERY CHARGER
MP2615B Rev. 1.0
www.MonolithicPower.com
4
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VCELL = 0V, VSEL = 0V, C1 = 22µF, C2=22µF, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Termination
Current
Threshold
IBF
5%
10%
15%
ICC
VIN
minimum
Head-room
(reverse blocking)
VIN − VBATT
300
mV
Maximum
Current
Sense
Voltage
(CSP to BATT)
VSENSE
90
100
110
mV
CSP, BATT Current
ICSP, IBATT Charging disabled
0.5
µA
ACOK/CHGOK Open-drain
Sink Current
VDRAIN = 0.3V
5
mA
VCC Regulator Output
VCC Output Voltage
VCC
4.25
4.5
4.75
V
VCC Load Regulation
∆VCC
ILOAD=0 to 10mA
10
mV
EN Control
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.9
V
EN = 4V
4
EN Input Current
IEN
EN = 0V
0.2
μA
Timer Protection
Trickle Charge Time
tTrickle_tmr CTMR = 0.47uF
30
CC/CV Charge Time
tTotal_tmr
CTMR = 0.47uF
165
Mins
NTC Protection
NTC
Low
Temp
Rising
Threshold
70.5
73.3
74.6
NTC
Low
Temp
Rising
Threshold Hysteresis
RNTC=NCP18X103, 0°C
(6)
TA= –20°C to +85°C
(5)
2
NTC High Temp Falling
Threshold
28
29.3
30.6
NTC
Low
Temp
Falling
Threshold Hysteresis
RNTC=NCP18X103,50°C
(6)
TA= –20°C to +85°C
(5)
2
%VCC
Thermal Protection
Thermal Shutdown
(5)
TSHDN
150
°C
Thermal
Shutdown
Hysteresis
(5)
20
°C
Reverse Leakage Blocking
Battery Reverse Leakage
Current
ILEAKAGE
0.5
µA
Notes:
5) Guaranteed by design.
6) The operation temperature limit when using the specified NTC resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com