Electronic Components Datasheet Search
  English  ▼

X  

MP2615B Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2615B
Description  2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615B Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2615B Datasheet HTML 7Page - Monolithic Power Systems MP2615B Datasheet HTML 8Page - Monolithic Power Systems MP2615B Datasheet HTML 9Page - Monolithic Power Systems MP2615B Datasheet HTML 10Page - Monolithic Power Systems MP2615B Datasheet HTML 11Page - Monolithic Power Systems MP2615B Datasheet HTML 12Page - Monolithic Power Systems MP2615B Datasheet HTML 13Page - Monolithic Power Systems MP2615B Datasheet HTML 14Page - Monolithic Power Systems MP2615B Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP2615B – 2A, 1- CELL LI-ION BATTERY CHARGER
MP2615B Rev. 1.0
www.MonolithicPower.com
11
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge Control
Logic
Timer
PRE _ REGS
OSC
VREF
LDO
Regulator
Drive
A1
Current Sense
CTRL
Charge
Current Sense
PWM
Comparator
Current Limit
Comparator
S
R
R
Q
BST
SW
CSP
A2
BATT
0.123 V
or 1. 23 V
GMI
GMV
5 bit trim
EN
VCC
NTC
cells
FB
BATT
CTRL
TMR
OVP
ACOK
CHGOK
FB
FB
AGND
VIN
1. 23 V
1. 171 V
0. 879 V
V BATT +0.2 V
TC /CC
Charge
Comparator
Recharge
Comparator
OVP
Comparator
M1
COMP
1. 23V
RS 1
L
battery
CELLS
M2
M3
OVP
ICHG
IHS
ACOK
Comparator
V IN
SEL
ICHG
0. 123 V
BF
Comparator
PGND
COMPI
COMPV
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com