Electronic Components Datasheet Search
  English  ▼

X  

MP2615B Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2615B
Description  2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615B Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2615B Datasheet HTML 6Page - Monolithic Power Systems MP2615B Datasheet HTML 7Page - Monolithic Power Systems MP2615B Datasheet HTML 8Page - Monolithic Power Systems MP2615B Datasheet HTML 9Page - Monolithic Power Systems MP2615B Datasheet HTML 10Page - Monolithic Power Systems MP2615B Datasheet HTML 11Page - Monolithic Power Systems MP2615B Datasheet HTML 12Page - Monolithic Power Systems MP2615B Datasheet HTML 13Page - Monolithic Power Systems MP2615B Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP2615B – 2A, 1- CELL LI-ION BATTERY CHARGER
MP2615B Rev. 1.0
www.MonolithicPower.com
10
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SW
Switch Output
2
VIN
Power Supply Voltage.
3
VCC
Coarse Regulator Output. Internally generated 4.5V. Bypass with a 1µF capacitor to AGND.
Used to be low-side switch driver and pull-up bias voltage NTC resistive divider. Do not
connect any external load at this pin.
4
CELL
Keep the pin float or connect to GND.
5
SEL
Input Pin for Setting Terminal Battery Voltage:
SEL = Low-level or Float: VBATT = 4.03V
SEL = High-level: VBATT =3.99V
6
EN
On/ Off Control Input. This pin is pulled down to GND with a 1Meg internal resistor.
7
N/C
NO CONNECT. Please leave this pin floating.
8
AGND
Analog Ground.
9
BATT
Positive Battery Terminal.
10
CSP
Battery Current Sense Positive Input. Connect a resistor RS1 between CSP and BATT.
11
CHGOK
Charging Completion Indicator. A logic Low indicates charging operation. The pin will
become an open drain once the charge is completed or suspended.
12
ACOK
Valid Input Supply Indicator. A logic Low on this pin indicates the presence of a valid input
power supply.
13
NTC
Thermistor Input. Connect a resistor from this pin to the pin VCC and the thermistor from
this pin to ground.
14
TMR
Internal Safety Timer Control. Connect a capacitor from this node to AGND to set the timer.
And the timer can be disabled by connecting this pin to AGND directly.
15
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver.
16
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com