Electronic Components Datasheet Search
  English  ▼

X  

MP2615B Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2615B
Description  2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615B Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2615B Datasheet HTML 1Page - Monolithic Power Systems MP2615B Datasheet HTML 2Page - Monolithic Power Systems MP2615B Datasheet HTML 3Page - Monolithic Power Systems MP2615B Datasheet HTML 4Page - Monolithic Power Systems MP2615B Datasheet HTML 5Page - Monolithic Power Systems MP2615B Datasheet HTML 6Page - Monolithic Power Systems MP2615B Datasheet HTML 7Page - Monolithic Power Systems MP2615B Datasheet HTML 8Page - Monolithic Power Systems MP2615B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2615B
2A, 1 Cell Li-ion Battery Charger
In 3mm x 3mm Package
MP2615B Rev. 1.0
www.MonolithicPower.com
1
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2615B is a monolithic switching charger
for a 1 cell lithium-Ion or lithium-Polymer battery
packed with built-in power MOSFETs. It’s able
to achieve up to 2A charge current which can
be programmed via an accurate sense resistor
over the whole input range.
MP2615B regulates the charge current and full
battery voltage using two control loops to
realize high accuracy constant current (CC)
charge and constant voltage (CV) charge.
Thanks to the constant-off-time (COT) mode
control, 99% duty cycle can be achieved when
battery voltage is close to the input voltage to
keep the charge current always at a relative
high level.
Battery temperature and charging status are
always monitored for each condition. Two
status monitor output pins are provided to
indicate the battery charging status and input
power status. The MP2615B also features
internal reverse blocking protection.
The
MP2615B
is
available
in
QFN-16
(3mmx3mm) package.
FEATURES
• 4.5V to 18V Operating Input Voltage
• Up to 99% Duty Cycle Operation
• Up to 2A Programmable Charging Current
• ±0.75% Full Battery Voltage Accuracy
• 4.03V and 3.99V Selection for Full Battery
Voltage
• Full Integrated Power Switches
• Internal Loop Compensation
• No External Reverse Blocking Diode
Required
• Preconditioning for Fully Depleted Battery
• Charging Operation Indicator
• Programmable Safety Timer
• Thermal Shutdown Protection
• Cycle-by-Cycle Over Current Protection
• Battery Temperature Monitor and Protection
APPLICATIONS
• Smart Phones
• Portable Hand-held Solutions
• Portable Media Players
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation) and AAM (Advanced Asynchronous
Mode) are trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
5V/ 9V Input
L
VIN
CHGOK
ACOK
NTC
EN
AGND
BATT
CSP
BST
SW
MP2615B
C2
C7
R1
R2
R3
CTMR
Battery
RS1
TMR
VREF
RNTC
OFF
ON
SEL
CELL
PGND
0
0.5
1
1.5
2
2.5
70
75
80
85
90


Similar Part No. - MP2615B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
7/9/2019 Rev. 1.02
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615AGQ MPS-MP2615AGQ Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results

Similar Description - MP2615B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
High Efficiency 2A Li-Ion Battery Charger
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2611 MPS-MP2611 Datasheet
751Kb / 22P
2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2615A MPS-MP2615A Datasheet
1Mb / 21P
2 A, 1- or 2- Cell Li-Ion Battery Charger in 3mm x 3mm Package
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com