Electronic Components Datasheet Search
  English  ▼

X  

MP2619EV Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2619EV
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2619EV Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2619EV Datasheet HTML 1Page - Monolithic Power Systems MP2619EV Datasheet HTML 2Page - Monolithic Power Systems MP2619EV Datasheet HTML 3Page - Monolithic Power Systems MP2619EV Datasheet HTML 4Page - Monolithic Power Systems MP2619EV Datasheet HTML 5Page - Monolithic Power Systems MP2619EV Datasheet HTML 6Page - Monolithic Power Systems MP2619EV Datasheet HTML 7Page - Monolithic Power Systems MP2619EV Datasheet HTML 8Page - Monolithic Power Systems MP2619EV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP2619 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2619 Rev. 1.01
www.MonolithicPower.com
3
5/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2619EV
QFN-28 (4mmx5mm)
MP2619
* For Tape & Reel, add suffix –Z (eg. MP2619EV–Z).
For RoHS compliant packaging, add suffix –LF (eg. MP2619EV–LF–Z)
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
6
7
8
22
21
20
19
18
17
16
15
9
101112
13
14
28
27
26
25
24
23
N/C
CHGOK
PIN
SW
AIN
N/C
GND
CSP
RG1
N/C
GND
N/C
OUT1 RG2
EN
SHDN
SW
BST
TMR
N/C
VREF33
BATT
CELLS
COMPV
VCC
NTC
ACOK
COMPI
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 26V
VSW....................................... –0.3V to VIN + 0.3V
VBS ....................................................... VSW + 6V
VCSP, VBATT, ..................................–0.3V to +18V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 3.1W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature.............. –65
C to +150C
VCC, RG1, RG2 to GND..............–0.3V to +42V
Max Differential Input Voltage, RG1 to RG2...5V
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................5.5V to 24V
Output Voltage VOUT.........................0.8V to 20V
VCC, RG1, RG2 to GND .................2.5V to 40V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-28 (4mmx5mm) ..............40 ....... 9 ....
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com