Electronic Components Datasheet Search
  English  ▼

X  

MP2619EV Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2619EV
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2619EV Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2619EV Datasheet HTML 9Page - Monolithic Power Systems MP2619EV Datasheet HTML 10Page - Monolithic Power Systems MP2619EV Datasheet HTML 11Page - Monolithic Power Systems MP2619EV Datasheet HTML 12Page - Monolithic Power Systems MP2619EV Datasheet HTML 13Page - Monolithic Power Systems MP2619EV Datasheet HTML 14Page - Monolithic Power Systems MP2619EV Datasheet HTML 15Page - Monolithic Power Systems MP2619EV Datasheet HTML 16Page - Monolithic Power Systems MP2619EV Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP2619 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2619 Rev. 1.01
www.MonolithicPower.com
13
5/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
BLOCK DIAGRAM
Charge
Control
Logic
Timer
PRE_REGS
600kHz
OSC
VREF
LDO
Regulator
Drive
A1
Current Sense
CTRL
Charge
Current Sense
PWM
Comparator
Current Limit
Comparator
S
R
R
Q
BST
SW
CSP
A2
BATT
0.12V
or 1.2V
GMI
GMV
3 bit trim
5 bit trim
EN
NC
VREF33
NTC
cells
FB
VBATT
CTRL
TMR
0.12V
ACOK CHGOK
FB
FB
GND
AIN
COMPI
COMPV
Max Trickle Time
Max Charge Time
Max Reflesh Time
ACOK
Sense
Amplifier
RG2
RG1
VCC
SHDN
OUT1
BIAS+
Enable
PIN
1.2V
4V
2.8V
AIN
BATT+300mV
TC/CC
Charge Comparator
Recharge Comparator
BF
Comparator
M1
COMP
x6
Charge
Current Sense
IREF
RS1
L
2/3 cells
battery
CELLS
Figure 1 — Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com