Electronic Components Datasheet Search
  English  ▼

X  

MP2619EV Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2619EV
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2619EV Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2619EV Datasheet HTML 1Page - Monolithic Power Systems MP2619EV Datasheet HTML 2Page - Monolithic Power Systems MP2619EV Datasheet HTML 3Page - Monolithic Power Systems MP2619EV Datasheet HTML 4Page - Monolithic Power Systems MP2619EV Datasheet HTML 5Page - Monolithic Power Systems MP2619EV Datasheet HTML 6Page - Monolithic Power Systems MP2619EV Datasheet HTML 7Page - Monolithic Power Systems MP2619EV Datasheet HTML 8Page - Monolithic Power Systems MP2619EV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP2619
2A, 24V Input, 600kHz
2-3 Cell Switching Li-Ion Battery Charger
With System Power Path Management
MP2619 Rev. 1.01
www.MonolithicPower.com
1
5/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2619 is a monolithic switching charger
for 2-3 cell Li-Ion battery packs with a built in
internal power MOSFET. It achieves up to 2A
charge current with current mode control for
fast loop response and easy compensation.
The charge current can be programmed by
sensing the current through an accurate sense
resistor.
MP2619 regulates the battery voltage and
charge current using two control loops to realize
high accuracy CC charge and CV charge.
The system power path management function
ensures continuous supply to the system by
automatically selecting the input or the battery to
power the system. Power path management
separates charging current from system load.
When the MP2619 realizes current sharing of
the input current, charge current will drop down
according to the increase of the system current.
Fault condition protection includes cycle -by
-cycle current limiting, and thermal shutdown.
Other safety features include battery temperature
monitoring,
charge
status
indication
and
programmable timer to finish the charging cycle.
The MP2619 is available in a 28-pin, 4mm x 5mm
QFN package.
FEATURES
 Charges 2-3 cell Li-Ion Battery Packs
 Wide Operating Input Range
 Up to 2A Programmable Charging Current
 Power Path Management with Current
Sharing
 ±0.75% VBATT Accuracy
 0.2Ω Internal Power MOSFET Switch
 Up to 90% Efficiency
 Fixed 600kHz Frequency
 Preconditioning for Fully Depleted Batteries
 Charging Operation Indicator
 Input Supply and Battery Fault Indicator
 Thermal Shutdown
 Cycle-by-Cycle Over Current Protection
 Battery Temperature Monitor and Protection
APPLICATIONS
Netbook PC
Distributed Power Systems
Chargers for 2-Cell or 3-Cell Li-Ion
Batteries
Pre-Regulator for Linear Regulators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2619EV

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26101 MPS-MP26101 Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-LF-P MPS-MP26101DR-LF-P Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
MP26101DR-LF-Z MPS-MP26101DR-LF-Z Datasheet
587Kb / 17P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
8/4/2020 Rev. 1.01
More results

Similar Description - MP2619EV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com