Electronic Components Datasheet Search
  English  ▼

X  

MP2619EV Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2619EV
Description  2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2619EV Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2619EV Datasheet HTML 1Page - Monolithic Power Systems MP2619EV Datasheet HTML 2Page - Monolithic Power Systems MP2619EV Datasheet HTML 3Page - Monolithic Power Systems MP2619EV Datasheet HTML 4Page - Monolithic Power Systems MP2619EV Datasheet HTML 5Page - Monolithic Power Systems MP2619EV Datasheet HTML 6Page - Monolithic Power Systems MP2619EV Datasheet HTML 7Page - Monolithic Power Systems MP2619EV Datasheet HTML 8Page - Monolithic Power Systems MP2619EV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP2619 – 2A, 24V INPUT, 600kHz 2-3CELL SWITCHING LI-ION BATTERY CHARGER
MP2619 Rev. 1.01
www.MonolithicPower.com
4
5/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 19V, TA = +25C, CELLS=0V, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
CELLS=0V
8.337
8.4
8.463
Terminal Battery Voltage
VBATT
CELLS= Float
12.505
12.6
12.695
V
CSP, BATT Current
ICSP,IBATT Charging disabled
1
µA
Switch On Resistance
RDS(ON)
0.2
Ω
Switch Leakage
EN = 4V, VSW = 0V
0
1
μA
CC Mode
4.1
A
Peak Current Limit
Trickle Mode
2
A
CC current
ICC
RS1=100mΩ
1.8
2.0
2.2
A
Trickle charge current
ITRICKLE
10%
Icc
Trickle charge voltage threshold
3.0
V/Cell
Trickle charge hysteresis
350
mV/Cell
Termination current threshold
IBF
5%
10%
15%
Icc
Oscillator Frequency
fSW
CELLS=0V,
VBATT=7V
600
kHz
Fold-back Frequency
VBATT= 0V
190
kHz
Maximum Duty Cycle
90
%
Maximum current Sense Voltage
(CSP to BATT)
VSENSE
170
200
230
mV
Under Voltage Lockout Threshold
Rising
3
3.2
3.4
V
Under Voltage Lockout Threshold
Hysteresis
200
1000
mV
Open-drain sink current
Vdrain=0.3V
5
mA
Dead-battery indicator
Stay at trickle charge,
CTMR=0.1µF
30
min
Recharge threshold at Vbatt
Vrechg
4.0
V/cell
Recharge Hysteresis
100
mV/Cell
NTC Low-Temp Rising Threshold
RNTC=NCP18X103,
0°C
70.5
73.5
76.5
%of
VREF33
NTC High-Temp Falling Threshold
RNTC=NCP18X103,
50°C
27.5
29.5
31.5
%of
VREF33
Vin min head-room (reverse blocking)
Vin-Vbatt
180
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.8
V
EN = 4V
4
EN Input Current
EN = 0V
0.2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com