Electronic Components Datasheet Search
  English  ▼

X  

VIHAMD-ML Datasheet(PDF) 6 Page - Vicor Corporation

Part # VIHAMD-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAMD-ML Datasheet(HTML) 6 Page - Vicor Corporation

Back Button VIHAMD-ML Datasheet HTML 2Page - Vicor Corporation VIHAMD-ML Datasheet HTML 3Page - Vicor Corporation VIHAMD-ML Datasheet HTML 4Page - Vicor Corporation VIHAMD-ML Datasheet HTML 5Page - Vicor Corporation VIHAMD-ML Datasheet HTML 6Page - Vicor Corporation VIHAMD-ML Datasheet HTML 7Page - Vicor Corporation VIHAMD-ML Datasheet HTML 8Page - Vicor Corporation VIHAMD-ML Datasheet HTML 9Page - Vicor Corporation VIHAMD-ML Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 6 of 10
08/2017
VxHAMxL
Pin Function / Description (Cont.)
A/S
The HAM provides a low voltage non isolated output Auxiliary
Supply (A/S) that may be used to power primary side control and
monitoring circuitry. This output is 19 – 23VDC, referenced to –OUT,
at 3mA max. Do not overload or short this output as the HAM will
fail. A typical use for A/S is to power an optical coupler that isolates
the Power OK signal (Figure 6).
E/O
The Enable Output (E/O) is used to inhibit the DC-DC converters
at start up until the hold up capacitors are charged, at which
time Enable is asserted high (open state, Figure 8). If the AC
line fails, E/O goes low when the DC output of the HAM
drops below 250VDC.
E/O must be connected to the Gate Input of all VI-26x and VI-J6x
drivers and / or the PC pin of the V375 DC-DC converters
(Figure 4); failure to do so may cause the converters to toggle on
and off. If an external load is connected directly to the output
of the HAM, do not apply the load until the output hold up
capacitor(s) are fully charged.
In applications using VI-26x drivers and VI-26x boosters, the E/O
pin should be connected to the Gate In pin of the driver module
only, it is not necessary to connect this pin to boosters as they are
controlled by their respective driver.
The E/O pin ancillary circuitry illustrated in Figures 4 and 5 provides
transient immunity. The illustrated circuitry is the minimum
required, see Figures 4 and 5.
P/OK
P/OK function is no longer supported.
Component Description
Vicor
Designation
Part Number
C1
0.1µF ceramic, 50V
C2, C3
0.01µF ceramic, 50V
C4
Hold up capacitor,
Available as a HUB
1000 to 6000µF
from Vicor (see
adjoining table)
C5–C8
4,700pF Y2 cap.
01000
C9,C10
0.2µF, 500V
Film or Ceramic
D1
1N4691 zener, 6.2V
D2, D3
1N4006 diode, 800V
00670
D4, D5
1N5817 schottky diode,20V
26108
F1, F2
Use recommended fusing for specific
DC-DC Converters
F3
20A, 250V
R1
50k
R2, R3
250 , 0.25W
R4**
100k , 2W
V1
275V MOV
30076
Z1, Z2
130V Transorb
1.5KE130CA
Z3
150V Transorb
1.5KE150CA
+IN
V375 DC-DC Converters
PC
PR
-IN
-IN
F2
+IN
F1
PC
PR
R1
R2
R3
C3
D3
D5
D1
D2
D4
C2
C4
C5
C6
C7
C8
JMK Filter
P/N 1319-13
12.6A
*
+IN
GATE IN
GATE OUT
-IN
+OUT
-OUT
P/OK
E/O
A/S
VI-HAMD-xL
GATE IN
GATE OUT
-IN
+IN
+OUT
-OUT
VI-BAMD-xL
Input
Bridge
Rectifier
Vicor P/N 30660
L1
GND
L2/N
L1
L2/N
1N4006
1N4006
F3
R4
**
C1
V1
C9
C10
* Consult Vicor's Applications Engineering for specific
HAMD / BAMD filtering information.
** A 100k , 2W resistor is used for every 1,000µF
of hold up capacitance.
Hold up Box (HUB)
Z1
Z2
Z3
10A
10A
2000µF HUB1000-P 1350W
Figure 5 — Connection Diagram, HAMD / BAMD / V375 DC-DC Converters
HAMD-CL Driver HAM: No internal bridge rectifier or synchronization diodes.
BAMD-CL Booster HAM: Companion module to HAMD-CM used for additional output power. No internal bridge rectifier.
A/S
E/O
P/OK
+OUT
–OUT
IAS ≤ 3mA
19 – 23V
+
–
DO NOT OVERLOAD
or directly connect a capacitor
to the A/S terminal.
Figure 6 — Auxiliary Supply (A/S)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com