Electronic Components Datasheet Search
  English  ▼

X  

VIHAMD-ML Datasheet(PDF) 1 Page - Vicor Corporation

Part # VIHAMD-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAMD-ML Datasheet(HTML) 1 Page - Vicor Corporation

  VIHAMD-ML Datasheet HTML 1Page - Vicor Corporation VIHAMD-ML Datasheet HTML 2Page - Vicor Corporation VIHAMD-ML Datasheet HTML 3Page - Vicor Corporation VIHAMD-ML Datasheet HTML 4Page - Vicor Corporation VIHAMD-ML Datasheet HTML 5Page - Vicor Corporation VIHAMD-ML Datasheet HTML 6Page - Vicor Corporation VIHAMD-ML Datasheet HTML 7Page - Vicor Corporation VIHAMD-ML Datasheet HTML 8Page - Vicor Corporation VIHAMD-ML Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Actual Size:
4.6 x 2.4 x 0.5in
(116,8 x 61,0 x 12,7mm)
High-Boost Harmonic Attenuation Module
S
NRTL
CUS
C
US
®
VI-HAM™, VE-HAM™
VI-HAM™, VE-HAM™
Rev 2.7
Page 1 of 10
08/2017
VxHAMxL
Features & Benefits
• 675 Watts output power
• Unity power factor
• 85 – 264VAC universal input
• Meets EN61000-3-2
• Short circuit protection
• Input surge limiting
• High efficiency
• RoHS compliant
• For use with Vicor’s V375, VI-26x
and VI-J6x DC-DC Converters
Product Overview
The high-boost HAM (Harmonic Attenuator
Module) is a universal AC input, PFC
front-end module that has been optimized
for use with Vicor’s V375 series of
DC-DC converters.
A single high-boost HAM may be used with
any combination of V375 series DC-DC
converters which are available in Micro,
Mini and Maxi packages with up to 600
Watts of output power. Versions without
internal diode bridges (HAMD and BAMD)
can be operated in parallel to provide power
expansion capability. The combination of
the high-boost HAM with V375 DC-DC
converters results in a power conversion
system with twice the power density, fewer
components and lower cost compared to
previous HAM-based solutions.
In addition, the high-boost HAM is fully
compatible with Vicor’s VI-26x and VI-J6x
series DC-DC converters. This gives designers
the freedom to choose from the industry’s
broadest selection of DC-DC converters with
outputs from 2 to 95VDC, 50 – 600 Watts.
The user need only provide external hold-up
capacitors, a few discrete components, and
a line filter (available from Vicor).
Parameter
Rating
Unit
Notes
L to N voltage
265
VAC
Continuous
280
VAC
100ms
Mounting torque
5 (0.57)
in- lbs (N-m)
# 6-32 or m3.5
Pin soldering temperature
750
°F
(400)
(°C)
Operating temperature
–55 to +85
°C
M-Grade
Storage temperature
–65 to +100
°C
M-Grade
Auxiliary output
3
mA
Product Type
HAM = Harmonic Attenuator Module
HAMD = Harmonic Attenuator Module Driver
BAMD = Harmonic Attenuator Module Booster
(HAMD and BAMD can be used in parallel
or in arrays for applications that require more
power than that available from a single HAM)
Output
L = 675W
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
–10 to +85
–40 to +100
C =
–25 to +85
–40 to +100
I =
–40 to +85
–55 to +100
M =
–55 to +85
–65 to +100
Absolute Maximum Ratings
Part Numbering
VI - HAM
-
C
L
RoHS Designator
VI = Non RoHS Compliant
VE = RoHS Compliant
For application information please see the
Design Guide at www.vicorpower.com.


Similar Part No. - VIHAMD-ML

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VIHAMDCEL VICOR-VIHAMDCEL Datasheet
661Kb / 10P
High-Boost Harmonic Attenuation Module
More results

Similar Description - VIHAMD-ML

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MICRORAM VICOR-MICRORAM Datasheet
1Mb / 8P
Output Ripple Attenuation Module
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
High-Boost Harmonic Attenuation Module
VI-HAM VICOR-VI-HAM Datasheet
661Kb / 10P
High-Boost Harmonic Attenuation Module
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1606L96A8Q1C WALSIN-AMDIP1606L96A8Q1C Datasheet
624Kb / 6P
High Attenuation on harmonic suppressed
AMDIP1606L96B8Q1C WALSIN-AMDIP1606L96B8Q1C Datasheet
583Kb / 6P
High Attenuation on harmonic suppressed
AMLPF16080G9DM1T76 WALSIN-AMLPF16080G9DM1T76 Datasheet
498Kb / 6P
High attenuation on harmonic suppressed
RFBPF1608060KLT WALSIN-RFBPF1608060KLT Datasheet
411Kb / 3P
High attenuation on harmonic suppressed
RFLPF10051G8D8T WALSIN-RFLPF10051G8D8T Datasheet
346Kb / 3P
High attenuation on harmonic suppressed
RFLPF10051G8DCT WALSIN-RFLPF10051G8DCT Datasheet
191Kb / 2P
High Attenuation on harmonic Suppressed
RFLPF16081G8D7T WALSIN-RFLPF16081G8D7T Datasheet
568Kb / 2P
High attenuation on harmonic suppressed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com