Electronic Components Datasheet Search
  English  ▼

X  

VIHAMD-ML Datasheet(PDF) 5 Page - Vicor Corporation

Part # VIHAMD-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAMD-ML Datasheet(HTML) 5 Page - Vicor Corporation

  VIHAMD-ML Datasheet HTML 1Page - Vicor Corporation VIHAMD-ML Datasheet HTML 2Page - Vicor Corporation VIHAMD-ML Datasheet HTML 3Page - Vicor Corporation VIHAMD-ML Datasheet HTML 4Page - Vicor Corporation VIHAMD-ML Datasheet HTML 5Page - Vicor Corporation VIHAMD-ML Datasheet HTML 6Page - Vicor Corporation VIHAMD-ML Datasheet HTML 7Page - Vicor Corporation VIHAMD-ML Datasheet HTML 8Page - Vicor Corporation VIHAMD-ML Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 5 of 10
08/2017
VxHAMxL
+IN
PC
PR
-IN
L2/N
GATE OUT
GATE IN
L1
– OUT
E/O
+ OUT
A/S
P/OK
VI-HAM-xL
-IN
Y-Capacitor
Y-Capacitor
F2
+IN
L1
GND
L2/N
L1
LOAD
L2/N
Vicor
Line Filter
P/N 30205
6.3A
LINE
F1
GATE IN
GATE OUT
Hold up Box (HUB)
R1
R2
C3
D3
D5
D1
D4
C2
C5
C6
C7
C8
C1
R3*
C4
D2
F3
V375
DC-DC
Converters
VI-26x or
VI-J6x
DC-DC
Converters
Component Description
Vicor
Designation
Part Number
C1
0.1µF ceramic, 50V
C2, C3
0.01µF ceramic, 5V
C4
Hold up capacitor,
Available as a HUB
500 to 3,000µF
from Vicor (see
adjoining table)
R1
50k
R2
250 , 0.25W
R3*
100k , 2W
D1
1N4691 zener, 6.2V
D2, D3
1N4006 diode, 800V
00670
D4, D5
1N5817 schottky diode, 20V
26108
V1
275V MOV
30076
C5–C8
4,700pF Y2 cap.
01000
F1, F2
Use recommended fusing for specific
DC-DC Converters
F3
10A, 250V
V1
µ
F
µ
F
µ
F
* A 100k
Ω, 2 Watt resistor is used for every
1,000µF of hold-up capacitance.
Pin Function / Description
L1 and L2/N (HAM)
An appropriate line filter is required to limit conducted emissions
and ensure reliable operation of the HAM, see Page 8. Connect
single phase AC mains to the input of the line filter via a 10A,
250V fuse. Connect the output of the filter to L1 and L2/N of the
HAM. Do not put an X-capacitor across the input of the HAM or
use a line filter with an X-capacitor on its output as power factor
correction may be impacted.
+IN, –IN (HAMD, BAMD)
These pins are connected to the output of the external bridge
rectifier in HAMD / BAMD configurations (Figure 5).
GATE IN (HAM)
The user should not make any connection to this pin.
GATE IN (HAMD)
This pin provides line voltage envelope and phase information for
power factor correction. This connection must be made through
the synchronization diodes between the line filter and bridge
rectifier (Figure 5).
GATE IN (BAMD)
The Gate In pin is an interface pin to the Gate OUT pin of a
HAMD or BAMD depending on configuration. The user should
not make any other connection to this pin.
GATE OUT
The Gate Out pin is a synchronization pin for HAMD/BAMD
arrays; the user should not make any other connection to this pin.
+OUT and –OUT
Connect the +OUT of the HAM to the +IN of the respective Vicor
DC-DC converters with the recommended fuse. Connect the
–OUT of the HAM to the –IN of the converters. In addition, an
external hold-up capacitor of 1,000µF with a minimum voltage
rating of 450VDC, is required (across the output of the HAM) for
16 ms ride through time at full power (500µF for half power,
etc). This capacitor must be in close proximity to the HAM. Do
not exceed 3,000µF of total output capacitance. Lower values
of capacitance may be used for reduced hold up requirements,
but not less than 500µF. Lower capacitance values may degrade
power factor specifications.
Figure 4 — Connection diagram HAM / DC-DC converters



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com