Electronic Components Datasheet Search
  English  ▼

X  

VIHAMD-ML Datasheet(PDF) 9 Page - Vicor Corporation

Part # VIHAMD-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAMD-ML Datasheet(HTML) 9 Page - Vicor Corporation

Back Button VIHAMD-ML Datasheet HTML 2Page - Vicor Corporation VIHAMD-ML Datasheet HTML 3Page - Vicor Corporation VIHAMD-ML Datasheet HTML 4Page - Vicor Corporation VIHAMD-ML Datasheet HTML 5Page - Vicor Corporation VIHAMD-ML Datasheet HTML 6Page - Vicor Corporation VIHAMD-ML Datasheet HTML 7Page - Vicor Corporation VIHAMD-ML Datasheet HTML 8Page - Vicor Corporation VIHAMD-ML Datasheet HTML 9Page - Vicor Corporation VIHAMD-ML Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 9 of 10
08/2017
VxHAMxL
Safety Notes
Each HAM, HAMD or BAMD module must be preceded by a safety
agency recognized fast-blow 10A 3AG fuse.
The HAM is not isolated from the line – either input or output;
a line isolation transformer must be used when making scope
measurements. HAMs do not provide input to output isolation.
Differential probes should be used when probing the input and
output simultaneously to avoid destructive ground loops.
Protective Features
Over Temperature Shut Down
The HAM is designed to shut down when the temperature of
the baseplate exceeds 90°C. Do not operate the HAM above its
maximum operating temperature of 85°C.
Short Circuit Protection
The HAM contains output short circuit protection. Operation
of this function does not clear the input fuse and the output
will resume normal operation after removal of the fault. A short
period of time may be required to allow for cooling of an internal
temperature sensor.
Output Over Voltage Protection
The HAM contains output over voltage protection. In the event
the output voltage exceeds approximately 420VDC, the boost will
decrease to maintain 420VDC on the output. When the peak of the
AC line exceeds 420V (approximately 293VAC) the boost will have
been reduced to zero and the E/O line will be pulled low shutting
down the converters. Beyond this the protection circuit will be
enabled and the output voltage will decrease.
Storage
Vicor products, when not installed in customer units, should be
stored in ESD safe packaging in accordance with ANSI/ESD S20.20,
“Protection of Electrical and Electronic Parts, Assemblies and
Equipment” and should be maintained in a temperature controlled
factory/ warehouse environment not exposed to outside elements
controlled between the temperature ranges of 15°C and 38°C.
Humidity shall not be condensing, no minimum humidity when
stored in an ESD compliant package.
+.030 (0,76)
-.000 (0)
.01
(12,7)
(5,08) MIN
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
0.040 (1,0) Dia (7) places
0.080 (2,0) Dia.
0.30
±.015
(7,6)
±(0,38)
1.80
(45,7)
(106,7)
0.20
(3,0)
(116,8)
(7,6) Min
Aluminum Base
(61,0)
(44,5)
0.15
(3,8)
2.10
(53,3)
0.40
(10,2)
.35
±.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
3.60
0.50
(12,7)
Pin #
1
2
3
4
5
6
7
8
9
HAM
L1
GATE IN
GATE OUT
L2/N
+OUT
P/OK
E/O
A/S
–OUT
HAMD
+IN
GATE IN
GATE OUT
–IN
+OUT
P/OK
E/O
A/S
–OUT
BAMD
+IN
GATE IN
GATE OUT
–IN
+OUT
N/C
N/C
A/S
–OUT
(2) places
HAM Mechanical Drawing
HAM
4.60
(91,4)
0.15
(3,8)
0.12
4.20
0.50
0.30
2.40
1.75
(7,36) MAX
0.29
+.030 (0,76)
-.000 (0)
.01
(12,7)
(5,08) MIN
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
0.040 (1,0) Dia (7) places
0.080 (2,0) Dia.
0.30
±.015
(7,6)
±(0,38)
1.80
(45,7)
(106,7)
0.20
(3,0)
(116,8)
(7,6) Min
Aluminum Base
(61,0)
(44,5)
0.15
(3,8)
2.10
(53,3)
0.40
(10,2)
.35
±.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
3.60
0.50
(12,7)
Pin #
1
2
3
4
5
6
7
8
9
HAM
L1
GATE IN
GATE OUT
L2/N
+OUT
P/OK
E/O
A/S
–OUT
HAMD
+IN
GATE IN
GATE OUT
–IN
+OUT
P/OK
E/O
A/S
–OUT
BAMD
+IN
GATE IN
GATE OUT
–IN
+OUT
N/C
N/C
A/S
–OUT
(2) places
HAM Mechanical Drawing
HAM
4.60
(91,4)
0.15
(3,8)
0.12
4.20
0.50
0.30
2.40
1.75
(7,36) MAX
0.29
+.030 (0,76)
-.000 (0)
.01
(12,7)
(5,08) MIN
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
0.040 (1,0) Dia (7) places
0.080 (2,0) Dia.
0.30
±.015
(7,6)
±(0,38)
1.80
(45,7)
(106,7)
0.20
(3,0)
(116,8)
(7,6) Min
Aluminum Base
(61,0)
(44,5)
0.15
(3,8)
2.10
(53,3)
0.40
(10,2)
.35
±.015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
3.60
0.50
(12,7)
Pin #
1
2
3
4
5
6
7
8
9
HAM
L1
GATE IN
GATE OUT
L2/N
+OUT
P/OK
E/O
A/S
–OUT
HAMD
+IN
GATE IN
GATE OUT
–IN
+OUT
P/OK
E/O
A/S
–OUT
BAMD
+IN
GATE IN
GATE OUT
–IN
+OUT
N/C
N/C
A/S
–OUT
(2) places
HAM Mechanical Drawing
HAM
4.60
(91,4)
0.15
(3,8)
0.12
4.20
0.50
0.30
2.40
1.75
(7,36) MAX
0.29
Figure 13 — HAM / HAMD / BAMD Module Outline
Mechanical Drawing
Note: Mounting a High Boost HAM and Maxi, Mini or Micro DC-DC converter to the same heat sink will require the use of custom length standoffs or a
step in the heat sink mounting surface. This is due to a mechanical stack up difference between the HAM and Maxi, Mini, and Micro converters that leads to
incompatible baseplate height above the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com