Electronic Components Datasheet Search
  English  ▼

X  

CMV2000 Datasheet(PDF) 11 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 11 Page - ams AG

Back Button CMV2000 Datasheet HTML 7Page - ams AG CMV2000 Datasheet HTML 8Page - ams AG CMV2000 Datasheet HTML 9Page - ams AG CMV2000 Datasheet HTML 10Page - ams AG CMV2000 Datasheet HTML 11Page - ams AG CMV2000 Datasheet HTML 12Page - ams AG CMV2000 Datasheet HTML 13Page - ams AG CMV2000 Datasheet HTML 14Page - ams AG CMV2000 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 10 of 63
© 2015 CMOSIS bvba
2 SENSOR ARCHITECTURE
Active pixel area
1088 rows
2048 columns
Analog front end (AFE)
(gain, offset, ADCs)
LVDS block
(drivers, multiplexers)
16, 8, 4 or 2
ouputs
sequencer
SPI
Temp
sensor
Input clock
SPI signals
External driving
signals
FIGURE 2: SENSOR BLOCK DIAGRAM
Figure 2 shows the image sensor architecture. The internal sequencer generates the necessary signals for image
acquisition. The image is stored in the pixel (global shutter) and is then read out sequentially, row-by-row. On the pixel
output, an analog gain can be applied. The pixel values then passes to a column ADC cell, in which ADC conversion is
performed. The digital signals are then read out over multiple LVDS channels. Each LVDS channel reads out 128 adjacent
columns of the array. In the Y-direction, rows of interest are selected through a row-decoder which allows a flexible
windowing. Control registers are foreseen for the programming of the sensor. These register parameters are uploaded
via a four-wire SPI interface. A temperature sensor which can be read out over the SPI interface is also included.
2.1 PIXEL ARRAY
The pixel array consists of 2048 x 1088 square global shutter pixels with a pitch of 5.5µm (5.5μm x 5.5μm). This results
in an optical area of close to 2/3 optical inch (12.7mm). This means that off-the-shelf C-mount lenses can be used.
The pixels are designed to achieve maximum sensitivity with low noise and low PLS specifications. Micro lenses are
placed on top of the pixels for improved fill factor and quantum efficiency (>50%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com