Electronic Components Datasheet Search
  English  ▼

X  

CMV2000 Datasheet(PDF) 14 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 14 Page - ams AG

Back Button CMV2000 Datasheet HTML 10Page - ams AG CMV2000 Datasheet HTML 11Page - ams AG CMV2000 Datasheet HTML 12Page - ams AG CMV2000 Datasheet HTML 13Page - ams AG CMV2000 Datasheet HTML 14Page - ams AG CMV2000 Datasheet HTML 15Page - ams AG CMV2000 Datasheet HTML 16Page - ams AG CMV2000 Datasheet HTML 17Page - ams AG CMV2000 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 13 of 63
© 2015 CMOSIS bvba
3 DRIVING THE CMV2000
3.1 SUPPLY SETTINGS
Supply
name
Usage
Recommended
value [V]
Range [V]
DC power
nominal [mW]
DC current
nominal [mA]
DC current
peak [mA]
VDD20
LVDS, ADC
2.0
2.0 - 2.2
640
300
300
VDD33
Dig. I\O, PGA, SPI, ADC
3.3
3.0 - 3.6
270
80
80
VDDPIX
Pixel array power supply
3.0
2.3 - 3.6
60
20
105
Vres_h
Pixel reset pulse
3.3
3.0 - 3.6
50
15
15
The power figures are measured at 48MHz CLK_IN speed in 16 channel mode while constantly grabbing images. When
idle, the sensor will consume about 25% less energy. Reducing the amount of output channels will reduce power
consumption of the VDD20 supply and will have the biggest impact on the power consumption.
All variations on the VDD33 and VDDPIX can contribute to variations (noise) on the analog pixel signal, which is seen as
noise in the image. During the camera design precautions have to be taken to supply the sensor with very stable supply
voltages to avoid this additional noise.
Because of the peak currents, decoupling is advised. Place large decoupling capacitors directly at the output of the
voltage regulator to filter low noise and improve peak current supply. We advise 1x 330µF electrolytic, 1x 33µF tantalum
and a 10µF ceramic capacitor per supply, directly at the output of the regulator.
Place small decoupling capacitors as close as possible to the sensor between supply pins and ground. We advise 1x 4.7µF
and 1x 100nF ceramic capacitor per power supply pin (see pin list) and 1x 100µF ceramic capacitor per power supply
plane (VDD20, VDDPIX, VDD33). Vres_h doesn’t need a 100µF capacitor. See pin list for exact pin numbers for every
supply. Analog and digital ground can be tied together.
3.2 BIASING
For optimal performance, some pins need to be decoupled to ground or to VDD. Please refer to the pin list for a detailed
description for every pin and the appropriate decoupling if applicable.
3.3 DIGITAL INPUT PINS
The table below gives an overview of the external pins used to drive the sensor. The digital signals are sampled on the
rising edge of the CLK_IN, therefor the length of the signal applied to an input should be at least 1 CLK_IN period to
assure it has been detected. All digital I/O’s have a capacitance of 2pF max.
Pin name
Description
CLK_IN
Master input clock, frequency range between 5 and 48 MHz
LVDS_CLK_N/P
High speed LVDS input clock, frequency range between 50 and 480 MHz. Should not be used
if PLL is enabled (default).
SYS_RES_N
System reset pin, active low signal. Resets the on-board sequencer and must be kept low
during start-up. This signal should be at least one period of CLK_IN to assure detection on the
rising edge of CLK_IN.
FRAME_REQ
Frame request pin. When a high level is detected on this pin the programmed number of
frames is captured and sent by the sensor. This signal should be at least one period of CLK_IN
to assure detection on the rising edge of CLK_IN.
SPI_IN
Data input pin for the SPI interface. The data to program the image sensor is sent over this pin.
SPI_EN
SPI enable pin. When this pin is high the data should be written/read on the SPI
SPI_CLK
SPI clock. This is the clock on which the SPI runs (max 48Mz)
T_EXP1
Input pin to program the exposure time externally. Optional
T_EXP2
Input pin to program the exposure time externally in HDR mode. Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com