Electronic Components Datasheet Search
  English  ▼

X  

CMV2000 Datasheet(PDF) 15 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 15 Page - ams AG

Back Button CMV2000 Datasheet HTML 11Page - ams AG CMV2000 Datasheet HTML 12Page - ams AG CMV2000 Datasheet HTML 13Page - ams AG CMV2000 Datasheet HTML 14Page - ams AG CMV2000 Datasheet HTML 15Page - ams AG CMV2000 Datasheet HTML 16Page - ams AG CMV2000 Datasheet HTML 17Page - ams AG CMV2000 Datasheet HTML 18Page - ams AG CMV2000 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 14 of 63
© 2015 CMOSIS bvba
3.4 ELECTRICAL IO SPECIFICATIONS
3.4.1 DIGITAL I/O CMOS/TTL DC SPECIFICATIONS (SEE PIN LIST FOR SPECIFIC PINS)
Parameter
Description
Conditions
min
typ
max
Units
VIH
High level input
voltage
2.0
VDD33
V
VIL
Low level input
voltage
GND
0.8
V
VOH
High level
output voltage
VDD=3.3V
IOH=-2mA
2.4
V
VOL
Low level output
voltage
VDD=3.3V
IOL=2mA
0.4
V
3.4.2 TIA/EIA-644A1 LVDS DRIVER SPECIFICATIONS (OUTX_N/P, OUTCLK_N/P, OUTCTR_N/P)
Parameter
Description
Conditions
min
typ
max
Units
VOD
Differential
output voltage
Steady State, RL
= 100Ω
247
350
454
mV
∆VOD
Difference in
VOD between
complementary
output states
Steady State, RL
= 100Ω
50
mV
VOC
Common mode
voltage
Steady State, RL
= 100Ω
1.26
1.37
1.50
V
∆VOC
Difference in
VOC between
complementary
output states
Steady State, RL
= 100Ω
50
mV
IOS,GND
Output short
circuit current
to ground
VOUTP=VOUTN=GND
24
mA
IOS,PN
Output short
circuit current
VOUTP=VOUTN
12
mA
3.4.3 TIA/EIA-644A LVDS RECEIVER SPECIFICATIONS (LVDS_CLK_N/P)
Parameter
Description
Conditions
min
typ
max
Units
VID
Differential
input voltage
Steady state
100
350
600
mV
VIC
Receiver
input range
Steady state
0.0
2.4
V
IID
Receiver
input current
VINP|INN=1.2V±50mV,
0≤ VINP|INN≤2.4V
20
µA
∆IID
Receiver
input current
difference
|IINP – IINN|
6
µA
1 Voc is dependent on the VDD20 supply voltage, therefore these values differ from the TIA/EIA-644A spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com