Electronic Components Datasheet Search
  English  ▼

X  

CMV2000 Datasheet(PDF) 5 Page - ams AG

Part # CMV2000
Description  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 Datasheet(HTML) 5 Page - ams AG

  CMV2000 Datasheet HTML 1Page - ams AG CMV2000 Datasheet HTML 2Page - ams AG CMV2000 Datasheet HTML 3Page - ams AG CMV2000 Datasheet HTML 4Page - ams AG CMV2000 Datasheet HTML 5Page - ams AG CMV2000 Datasheet HTML 6Page - ams AG CMV2000 Datasheet HTML 7Page - ams AG CMV2000 Datasheet HTML 8Page - ams AG CMV2000 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 4 of 63
© 2015 CMOSIS bvba
Issue
Date
Modification
3.6
28/03/2014
Added:
-
Register addresses now show bit location in Chapter 5
-
All PLL registers are now in the register overview
-
Recommendation for unused pins
-
Note that fot_length register can be lowered for shorter integration times
-
Note that LVDS output current can be lowered for meeting EMC standards
-
Ordering information now includes part numbers for all packages
Updated:
-
Corrected some register addresses in the register overview
-
LCC spec was listed as 95 pins, should be 92
-
Description of settling time should be more clear now, added typical values
-
Description of start-up and reset sequence
-
Description of PGA settings should be more clear now
-
Description of register optimization is now more complete
-
Improved some layout issues
-
Corrected table in Chapter 5.2.2.1: Vlow3 wrongly referred to Vlow2
-
PLL registers in register overview: bit locations were not always correct
-
Pin list table is now sorted on function, rather than pin coordinate
-
New figures for glass transmittance, QE and response
-
“color” register is now called “mono” because it better fits the functionality
Removed:
-
Recommended setting of “0” for i_lvds_rec was causing confusion
-
Pixel coordinates on block diagram
3.7
28/01/2015
Updated:
-
The power figure in the Specification Overview is now more accurate; it
considers the sensor configuration
-
The exposure time is shortest in external exposure mode, so this mode is
added to the calculation.
-
FRAME_REQ is level sensitive, not edge sensitive
-
Maximum number of frames is 65535, not 65548
-
Corrected note that said that the exposure starts directly after F_REQ, there
is a delay between the two
-
Corrected calibration procedure, step 2 should be repeated, not step 1.
Removed
-
Nr_slopes2 register from overview, this is an unused register
-
Scratch/dig/bubble spec for cover glass
3.8
18/06/2015
Updated:
-
LCC pin layout now correctly says it’s the bottom view, not the top
-
LCC Product number now for AR coated glass only
Added
-
Transmittance curve for AR coated glass
Disclaimer
CMOSIS reserves the right to change the product, specification and other information contained in this document
without notice. Although CMOSIS does its best efforts to provide correct information, this is not warranted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com