Electronic Components Datasheet Search
  English  ▼

X  

LCW-W5SN Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCW-W5SN
Description  white SMD package, colorless clear silicone resin; chip level conversion
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5SN Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCW-W5SN Datasheet HTML 7Page - OSRAM GmbH LCW-W5SN Datasheet HTML 8Page - OSRAM GmbH LCW-W5SN Datasheet HTML 9Page - OSRAM GmbH LCW-W5SN Datasheet HTML 10Page - OSRAM GmbH LCW-W5SN Datasheet HTML 11Page - OSRAM GmbH LCW-W5SN Datasheet HTML 12Page - OSRAM GmbH LCW-W5SN Datasheet HTML 13Page - OSRAM GmbH LCW-W5SN Datasheet HTML 14Page - OSRAM GmbH LCW-W5SN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LCW W5SN
2007-08-16
11
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
*The emitter die exhibits excellent performance
but slight package discoloration occurs at highest
temperatures.The median lifetime depends on the
application
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
020
80
60
40
100
140
˚C
T
Do not use current below 100 mA
100
0
200
400
300
500
I
700
600
800
OHL02948
F
900
mA
1100
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03993
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.5
1.0
1.5
2.0
2.5
3.0
0.033
Exemplarische durchschnittliche
2) Seite 19
Lebensdauer für mittlere Helligkeitsgruppe
Exemplary median Lifetime
2) page 19
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 500 mA
T
S = 25°C
25.000
Betriebsstunden
operating hours
I
F = 700 mA
T
S = 85°C
11.000
Betriebsstunden
operating hours
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03994
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.5
1.0
1.5
2.0
2.5
3.0
0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com