Electronic Components Datasheet Search
  English  ▼

X  

LCW-W5SN Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCW-W5SN
Description  white SMD package, colorless clear silicone resin; chip level conversion
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-W5SN Datasheet(HTML) 5 Page - OSRAM GmbH

  LCW-W5SN Datasheet HTML 1Page - OSRAM GmbH LCW-W5SN Datasheet HTML 2Page - OSRAM GmbH LCW-W5SN Datasheet HTML 3Page - OSRAM GmbH LCW-W5SN Datasheet HTML 4Page - OSRAM GmbH LCW-W5SN Datasheet HTML 5Page - OSRAM GmbH LCW-W5SN Datasheet HTML 6Page - OSRAM GmbH LCW-W5SN Datasheet HTML 7Page - OSRAM GmbH LCW-W5SN Datasheet HTML 8Page - OSRAM GmbH LCW-W5SN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LCW W5SN
2007-08-16
5
Farbortgruppen
5) Seite 18
Chromaticity Coordinate Groups
5) page 18
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
H3
0.348
0.332
M5
0.414
0.402
0.360
0.341
0.429
0.409
0.364
0.358
0.436
0.426
0.350
0.348
0.421
0.420
H4
0.350
0.348
N3
0.413
0.372
0.364
0.358
0.425
0.378
0.367
0.376
0.434
0.396
0.352
0.365
0.421
0.390
H5
0.352
0.365
N4
0.421
0.390
0.367
0.376
0.434
0.396
0.371
0.392
0.443
0.414
0.354
0.381
0.429
0.409
J3
0.360
0.341
N5
0.429
0.409
0.373
0.350
0.443
0.414
0.378
0.368
0.451
0.430
0.364
0.358
0.436
0.426
OHA02934
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
510
500
490
450
Cx
Cy
Cy
Cx
E
0.24
480
460
470
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
K3
H4
3500 K
H3
4200 K
J3
L5
H5
L4
J5
J4
L3
K4
K5
N5
2700 K
Q3
P3
3000 K
M3
N3
N4
M4
M5
P4
R3
Q4 R4
P5
Q5
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com