Electronic Components Datasheet Search
  English  ▼

X  

TAS5142DDVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5142DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5142DDVR Datasheet HTML 1Page - Texas Instruments TAS5142DDVR Datasheet HTML 2Page - Texas Instruments TAS5142DDVR Datasheet HTML 3Page - Texas Instruments TAS5142DDVR Datasheet HTML 4Page - Texas Instruments TAS5142DDVR Datasheet HTML 5Page - Texas Instruments TAS5142DDVR Datasheet HTML 6Page - Texas Instruments TAS5142DDVR Datasheet HTML 7Page - Texas Instruments TAS5142DDVR Datasheet HTML 8Page - Texas Instruments TAS5142DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
Terminal Functions
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
TERMINAL
FUNCTION (1)
DESCRIPTION
NAME
DKD NO.
DDV NO.
AGND
9
11
P
Analog ground
BST_A
35
43
P
HS bootstrap supply (BST), external capacitor to OUT_A required
BST_B
28
34
P
HS bootstrap supply (BST), external capacitor to OUT_B required
BST_C
27
33
P
HS bootstrap supply (BST), external capacitor to OUT_C required
BST_D
20
24
P
HS bootstrap supply (BST), external capacitor to OUT_D required
GND
8
10
P
Ground
GND_A
32
38
P
Power ground for half-bridge A
GND_B
31
37
P
Power ground for half-bridge B
GND_C
24
30
P
Power ground for half-bridge C
GND_D
23
29
P
Power ground for half-bridge D
GVDD_A
36
44
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
GVDD_B
1
1
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
GVDD_C
18
22
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
GVDD_D
19
23
P
Gate-drive voltage supply requires 0.1-
µF capacitor to AGND
M1
13
15
I
Mode selection pin
M2
12
14
I
Mode selection pin
M3
11
13
I
Mode selection pin
NC
–
3, 4, 19, 20, 25,
–
No connect. Pins may be grounded.
42
OC_ADJ
7
9
O
Analog overcurrent programming pin requires resistor to ground
OTW
2
2
O
Overtemperature warning signal, open-drain, active-low
OUT_A
33
39
O
Output, half-bridge A
OUT_B
30
36
O
Output, half-bridge B
OUT_C
25
31
O
Output, half-bridge C
OUT_D
22
28
O
Output, half-bridge D
PVDD_A
34
40, 41
P
Power supply input for half-bridge A requires close decoupling of
0.1-
µF capacitor to GND_A.
PVDD_B
29
35
P
Power supply input for half-bridge B requires close decoupling of
0.1-
µF capacitor to GND_B.
PVDD_C
26
32
P
Power supply input for half-bridge C requires close decoupling of
0.1-
µF capacitor to GND_C.
PVDD_D
21
26, 27
P
Power supply input for half-bridge D requires close decoupling of
0.1-
µF capacitor to GND_D.
PWM_A
4
6
I
Input signal for half-bridge A
PWM_B
6
8
I
Input signal for half-bridge B
PWM_C
14
16
I
Input signal for half-bridge C
PWM_D
16
18
I
Input signal for half-bridge D
RESET_AB
5
7
I
Reset signal for half-bridge A and half-bridge B, active-low
RESET_CD
15
17
I
Reset signal for half-bridge C and half-bridge D, active-low
SD
3
5
O
Shutdown signal, open-drain, active-low
VDD
17
21
P
Power supply for digital voltage regulator requires 0.1-
µF capacitor
to GND.
VREG
10
12
P
Digital regulator supply filter pin requires 0.1-
µF capacitor to AGND.
(1)
I = input, O = output, P = power
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com