Electronic Components Datasheet Search
  English  ▼

X  

TAS5142DDVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5142DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5142DDVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS5142DDVR Datasheet HTML 16Page - Texas Instruments TAS5142DDVR Datasheet HTML 17Page - Texas Instruments TAS5142DDVR Datasheet HTML 18Page - Texas Instruments TAS5142DDVR Datasheet HTML 19Page - Texas Instruments TAS5142DDVR Datasheet HTML 20Page - Texas Instruments TAS5142DDVR Datasheet HTML 21Page - Texas Instruments TAS5142DDVR Datasheet HTML 22Page - Texas Instruments TAS5142DDVR Datasheet HTML 23Page - Texas Instruments TAS5142DDVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
www.ti.com
THEORY OF OPERATION
POWER SUPPLIES
SYSTEM POWER-UP/POWER-DOWN
Powering Up
TAS5142
SLES126B – DECEMBER 2004 – REVISED MAY 2005
Special attention should be paid to the power-stage
power supply; this includes component selection,
PCB placement, and routing. As indicated, each
To facilitate system design, the TAS5142 needs only
half-bridge has independent power-stage supply pins
a 12-V supply in addition to the (typical) 32-V
(PVDD_X). For optimal electrical performance, EMI
power-stage supply. An internal voltage regulator
compliance, and system reliability, it is important that
provides suitable voltage levels for the digital and
each PVDD_X pin is decoupled with a 100-nF cer-
low-voltage analog circuitry. Additionally, all circuitry
amic capacitor placed as close as possible to each
requiring a floating voltage supply, e.g., the high-side
supply pin. It is recommended to follow the PCB
gate drive, is accommodated by built-in bootstrap
layout of the TAS5142 reference design. For ad-
circuitry requiring only a few external capacitors.
ditional information on recommended power supply
In order to provide outstanding electrical and acousti-
and required components, see the application dia-
cal characteristics, the PWM signal path including
grams given previously in this data sheet.
gate drive and output stage is designed as identical,
The 12-V supply should be from a low-noise,
independent half-bridges. For this reason, each
low-output-impedance voltage regulator. Likewise, the
half-bridge
has
separate
gate
drive
supply
32-V power-stage supply is assumed to have low
(GVDD_X), bootstrap pins (BST_X), and power-stage
output impedance and low noise. The power-supply
supply pins (PVDD_X). Furthermore, an additional pin
sequence is not critical as facilitated by the internal
(VDD) is provided as supply for all common circuits.
power-on-reset circuit. Moreover, the TAS5142 is fully
Although supplied from the same 12-V source, it is
protected against erroneous power-stage turnon due
highly
recommended
to
separate
GVDD_A,
to parasitic gate charging. Thus, voltage-supply ramp
GVDD_B, GVDD_C, GVDD_D, and VDD on the
rates (dV/dt) are non-critical within the specified
printed-circuit board (PCB) by RC filters (see appli-
range (see the Recommended Operating Conditions
cation diagram for details). These RC filters provide
section of this data sheet).
the recommended high-frequency isolation. Special
attention should be paid to placing all decoupling
capacitors as close to their associated pins as poss-
ible. In general, inductance between the power supply
SEQUENCE
pins and decoupling capacitors must be avoided.
(See reference board documentation for additional
information.)
The TAS5142 does not require a power-up sequence.
For a properly functioning bootstrap circuit, a small
The outputs of the H-bridges remain in a high-imped-
ceramic capacitor must be connected from each
ance
state
until
the
gate-drive
supply
voltage
bootstrap pin (BST_X) to the power-stage output pin
(GVDD_X)
and
VDD
voltage
are
above
the
(OUT_X). When the power-stage output is low, the
undervoltage protection (UVP) voltage threshold (see
bootstrap capacitor is charged through an internal
the Electrical Characteristics section of this data
diode connected between the gate-drive power--
sheet). Although not specifically required, it is rec-
supply pin (GVDD_X) and the bootstrap pin. When
ommended to hold RESET_AB and RESET_CD in a
the power-stage output is high, the bootstrap capaci-
low state while powering up the device. This allows
tor potential is shifted above the output potential and
an internal circuit to charge the external bootstrap
thus provides a suitable voltage supply for the
capacitors by enabling a weak pulldown of the
high-side gate driver. In an application with PWM
half-bridge output.
switching frequencies in the range from 352 kHz to
When the TAS5142 is being used with TI PWM
384 kHz, it is recommended to use 33-nF ceramic
modulators such as the TAS5508, no special atten-
capacitors, size 0603 or 0805, for the bootstrap
tion to the state of RESET_AB and RESET_CD is
supply. These 33-nF capacitors ensure sufficient
required, provided that the chipset is configured as
energy storage, even during minimal PWM duty
recommended.
cycles, to keep the high-side power stage FET
(LDMOS) fully turned on during the remaining part of
the PWM cycle. In an application running at a
reduced switching frequency, generally 192 kHz, the
bootstrap capacitor might need to be increased in
value.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com